Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM4416CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4416CSRL
Description  30V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4416CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4416CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4416CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4416CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4416CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
TSM4416
30V N-Channel MOSFET
2/4
Version: Preliminary
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1
1.8
3
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
IDSS
--
--
-1.0
µA
On-State Drain Current
a
VDS ≥ 5V, VGS = 10V
ID(ON)
40
--
--
A
VGS = 10V, ID = 8.5A
--
15.5
19
Drain-Source On-State Resistance
a
VGS = 4.5V, ID = 6A
RDS(ON)
--
23
28
Forward Transconductance
a
VDS = 5V, ID = 8.5A
gfs
--
23
--
S
Diode Forward Voltage
IS = 1A, VGS = 0V
VSD
--
0.71
1.0
V
Dynamic
b
Total Gate Charge
Qg
--
19
24
Gate-Source Charge
Qgs
--
9.36
12
Gate-Drain Charge
VDS = 15V, ID = 8.5A,
VGS = 5V
Qgd
--
4.2
--
nC
Input Capacitance
Ciss
--
1040
--
Output Capacitance
Coss
--
180
--
Reverse Transfer Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Crss
--
110
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
5.2
--
Turn-On Rise Time
tr
--
4.4
--
Turn-Off Delay Time
td(off)
--
17.3
--
Turn-Off Fall Time
VDD = 15V, RL = 1.8Ω,
ID = 1A, VGEN = 10V,
RG = 3Ω
tf
--
3.3
--
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM4416CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D Datasheet
200Kb / 4P
   30V Dual N-Channel MOSFET
TSM4416D TSC-TSM4416D Datasheet
222Kb / 6P
   30V Dual N-Channel MOSFET
TSM4416DCSRL TSC-TSM4416DCSRL Datasheet
200Kb / 4P
   30V Dual N-Channel MOSFET
TSM4416DCSRL TSC-TSM4416DCSRL Datasheet
221Kb / 6P
   30V Dual N-Channel MOSFET
TSM4416DCSRL TSC-TSM4416DCSRL Datasheet
222Kb / 6P
   30V Dual N-Channel MOSFET
More results

Similar Description - TSM4416CSRL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com