Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4036 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N4036
Description  MEDIUM-SPEED SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N4036 Datasheet(HTML) 2 Page - STMicroelectronics

  2N4036 Datasheet HTML 1Page - STMicroelectronics 2N4036 Datasheet HTML 2Page - STMicroelectronics 2N4036 Datasheet HTML 3Page - STMicroelectronics 2N4036 Datasheet HTML 4Page - STMicroelectronics 2N4036 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T amb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Mi n.
Typ.
Max.
Unit
I CBO
Collector Cutoff Current
(IE =0)
VCB = – 60 V
– 20
nA
I CEO
Collector Cutoff Current
(IB =0)
VCE = – 30 V
– 0.5
µA
I EBO
Emitter Cutoff Current
(IC =0)
VEB =– 5 V
– 20
nA
V( BR)CB O
Collector-base Breakdown
Voltage (IE =0)
I C =– 100 µA
– 90
V
V(BR)CEX*
Collector-emitter Breakdown
Voltage (VBE = 1.5 V)
I C =– 10 mA
– 85
V
V(BR)CE R*
Collector-emitter Breakdown
Voltage (R BE =200
Ω)
I C =– 10 mA
– 85
V
V(BR)CE O *
Collector-emitter Breakdown
Voltage (IB =0)
I C =– 10 mA
– 65
V
V(B R)E BO
Emitter-base Breakdown Voltage
(IC =0)
I E =– 100
µA– 7
V
VCE(sat)*
Collector-emitter Saturation
Voltage
I C =– 150 mA
I B = – 15 mA
– 0.65
V
VBE *
Base-emitter Voltage
IC =– 150 mA
VCE = – 10 V
– 1.1
V
h FE*
DC Current Gain
I C = – 0.1 mA
I C =– 150 mA
I C =– 500 mA
VCE =– 10 V
VCE =– 10 V
VCE =– 10 V
20
40
20
140
f T
Transition Frequency
I C =– 50 mA
f = 20 MHz
VCE =– 10 V
60
MHz
C EBO
Emitter-base Capacitance
I C =0
f= 1 MHz
VEB = – 0.5 V
90
pF
C CBO
Collector-base Capacitance
I E =0
f= 1 MHz
VCB =– 10 V
30
pF
t on**
Turn-on Time
I C =– 150 mA
I B1 =– 15 mA
VCC = – 30V
110
ns
t of f**
Turn-off Time
I C =– 150 mA
I B1 =– I B2 =–
VCC =– 30 V
15 mA
700
ns
*
Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
** See test circuit.
THERMAL DATA
Rth j-cas e
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
25
175
°C/W
°C/W
2N4036
2/5


Similar Part No. - 2N4036

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4036 MOTOROLA-2N4036 Datasheet
86Kb / 4P
   CASE 79.04, STYLE 1 TO-39 (TO-205AD)
logo
NXP Semiconductors
2N4036 PHILIPS-2N4036 Datasheet
51Kb / 8P
   PNP switching transistor
1997 Jun 19
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Micro Electronics
2N4036 MICRO-ELECTRONICS-2N4036 Datasheet
147Kb / 2P
   COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4036 CENTRAL-2N4036 Datasheet
55Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N4036

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5154XX SEME-LAB-2N5154XX Datasheet
21Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5154XSMD05 SEME-LAB-2N5154XSMD05 Datasheet
21Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
2N4033 SEME-LAB-2N4033_01 Datasheet
42Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
NTE Electronics
NTE172A NTE-NTE172A Datasheet
24Kb / 2P
   Silicon NPN Transistor Darlington Preamp, Medium Speed Switch
NTE130 NTE-NTE130 Datasheet
24Kb / 2P
   Silicon Power Transistor Audio Power Amp, Medium Speed Switch
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
NTE Electronics
NTE172A NTE-NTE172A Datasheet
29Kb / 3P
   NTE172A Silicon NPN Transistor Darlington Preamp, Medium Speed Switch - 13
logo
List of Unclassifed Man...
2SD1608 ETC-2SD1608 Datasheet
43Kb / 1P
   Medium Speed Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com