Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTCZQ Datasheet(PDF) 10 Page - Linear Technology

Part # LTCZQ
Description  16-/14-/12-Bit VOUT DACs in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTCZQ Datasheet(HTML) 10 Page - Linear Technology

Back Button LTCZQ Datasheet HTML 6Page - Linear Technology LTCZQ Datasheet HTML 7Page - Linear Technology LTCZQ Datasheet HTML 8Page - Linear Technology LTCZQ Datasheet HTML 9Page - Linear Technology LTCZQ Datasheet HTML 10Page - Linear Technology LTCZQ Datasheet HTML 11Page - Linear Technology LTCZQ Datasheet HTML 12Page - Linear Technology LTCZQ Datasheet HTML 13Page - Linear Technology LTCZQ Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2641/LTC2642
10
26412f
BLOCK DIAGRAMS
16-BIT DATA LATCH
CONTROL
LOGIC
16-/14-/12-BIT DAC
VDD
REF
VOUT
GND
2641 BD
16-BIT SHIFT REGISTER
POWER-ON
RESET
LTC2641-16
LTC2641-14
LTC2641-12
CS
SCLK
DIN
CLR
6
8
5
4
3
2
1
7
16-BIT DATA LATCH
CONTROL
LOGIC
16-/14-/12-BIT DAC
INV
RFB
VDD
REF
VOUT
GND
2642 BD
16-BIT SHIFT REGISTER
POWER-ON
RESET
LTC2642-16
LTC2642-14
LTC2642-12
CS
SCLK
DIN
CLR
8
7
6
10
5
4
3
2
1
9
LTC2641
LTC2642
TIMING DIAGRAM
t1
SCK
SDI
CS/LD
t5
t7
t2
t6
t8
26412 TD
12
3
15
16
t3
t4
OPERATION
General Description
The LTC2641/LTC2642 family of 16-/14-/12-bit voltage
output DACs offer full 16-bit performance with less than
±2LSB integral linearity error and less than ±1LSB differen-
tial linearity error, guaranteeing monotonic operation. They
operate from a single supply ranging from 2.7V to 5.5V,
consuming 120μA (typical). An external voltage reference
of 2V to VDD determines the DAC’s full-scale output volt-
age. A 3-wire serial interface allows the LTC2641/LTC2642
to fit into a small 8-/10-pin MSOP or DFN 3mm
× 3mm
package.
Digital-to-Analog Architecture
The DAC architecture is a voltage switching mode resis-
tor ladder using precision thin-film resistors and CMOS
switches. The LTC2641/LTC2642 DAC resistor ladders are
composed of a proprietary arrangement of matched DAC
sections. The four MSBs are decoded to drive 15 equally
weighted segments, and the remaining lower bits drive
successively lower weighted sections. Major carry glitch
impulse is very low at 500pV•sec, CL = 10pF, ten times
lower than previous DACs of this type.


Similar Part No. - LTCZQ

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LTC-040S035DSP INVENTRONICS-LTC-040S035DSP Datasheet
336Kb / 9P
   40W Constant Current IP66 Driver
Rev. C
LTC-040S035SSP INVENTRONICS-LTC-040S035SSP Datasheet
336Kb / 9P
   40W Constant Current IP66 Driver
Rev. C
LTC-040S053DSP INVENTRONICS-LTC-040S053DSP Datasheet
336Kb / 9P
   40W Constant Current IP66 Driver
Rev. C
LTC-040S053SSP INVENTRONICS-LTC-040S053SSP Datasheet
336Kb / 9P
   40W Constant Current IP66 Driver
Rev. C
LTC-040S070DSP INVENTRONICS-LTC-040S070DSP Datasheet
336Kb / 9P
   40W Constant Current IP66 Driver
Rev. C
More results

Similar Description - LTCZQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com