Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73837T6SIUN Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73837T6SIUN
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837T6SIUN Datasheet(HTML) 5 Page - Microchip Technology

  MCP73837T6SIUN Datasheet HTML 1Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 2Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 3Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 4Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 5Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 6Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 7Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 8Page - Microchip Technology MCP73837T6SIUN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 5
MCP73837/8
USB-Port Fast Charge Current
IREG
80
90
100
mA
PROG2 = Low
400
450
500
mA
PROG2 = High
TA=-5°C to +55°C
Maximum Output Current Limit
IMAX
1200
mA
PROG1 < 833
Ω
Precondition Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current Ratio
IPREG / IREG
7.5
10
12.5
%
Note 3
15
20
25
%
TA=-5°C to +55°C
30
40
50
%
100
%
Precondition Current Threshold Ratio
VPTH / VREG
64
66.5
69
%
VBAT Low to High
69
71.5
74
%
Precondition Hysteresis
VPHYS
120
mV
VBAT High to Low
Charge Termination
Charge Termination Current Ratio
ITERM / IREG
3.75
5
6.25
%
PROG1 = 1 k
Ω to 10 kΩ
5.6
7.5
9.4
%
TA=-5°C to +55°C
7.5
10
12.5
%
Note 3
15
20
25
%
Automatic Recharge
Recharge Voltage Threshold Ratio
VRTH / VREG
92
94.0
96
%
VBAT High to Low
95
97
99
%
TA=-5°C to +55°C
Pass Transistor ON-Resistance
ON-Resistance
RDSON
350
m
Ω
VDD = 4.5V, TJ = 105°C
Battery Discharge Current
Output Reverse Leakage Current
IDISCHARGE
0.1
2
µA
Standby (PROG1 or PROG2
Floating)
0.55
2
µA
Shutdown (VDD < VBAT -
100 mV or VDD < VSTOP)
-6
-15
µA
Charge Complete
Status Indicators - STAT1, STAT2, PG (MCP73837)
Sink Current
ISINK
—16
35
mA
Low Output Voltage
VOL
—0.3
1
V
ISINK = 4 mA
Input Leakage Current
ILK
0.03
1
µA
High Impedance, VDD on pin
PROG1 Input (PROG1)
Charge Impedance Range
RPROG
1—
k
Ω
Note 4
Shutdown Impedance
RPROG
70
200
k
Ω
Minimum Impedance for
Shutdown
PROG2 Inputs (PROG2)
Input High Voltage Level
VIH
0.8VDD
——
%
Input Low Voltage Level
VIL
0.2VDD
%
Shutdown Voltage Level
VSD
0.2VDD
—0.8VDD
%
Input Leakage Current
ILK
—7
15
µA
VPROG2 = VDD
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The supply voltage (VDD) = VAC when input power source is from Ac-Adapter and the supply voltage (VDD) = VUSB
when input power source is from USB-Port.
2:
The value is guaranteed by design and not production tested.
3:
The current is based on the ratio of selected current regulation (IREG).
4:
The maximum charge impedance has to be less than shutdown impedance for normal operation.


Similar Part No. - MCP73837T6SIUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73837T-6SI/MF MICROCHIP-MCP73837T-6SI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-6SI/UN MICROCHIP-MCP73837T-6SI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-AMI/MF MICROCHIP-MCP73837T-AMI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-AMI/UN MICROCHIP-MCP73837T-AMI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-B6I/MF MICROCHIP-MCP73837T-B6I/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
More results

Similar Description - MCP73837T6SIUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com