Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73838B6IUN Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73838B6IUN
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73838B6IUN Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73838B6IUN Datasheet HTML 3Page - Microchip Technology MCP73838B6IUN Datasheet HTML 4Page - Microchip Technology MCP73838B6IUN Datasheet HTML 5Page - Microchip Technology MCP73838B6IUN Datasheet HTML 6Page - Microchip Technology MCP73838B6IUN Datasheet HTML 7Page - Microchip Technology MCP73838B6IUN Datasheet HTML 8Page - Microchip Technology MCP73838B6IUN Datasheet HTML 9Page - Microchip Technology MCP73838B6IUN Datasheet HTML 10Page - Microchip Technology MCP73838B6IUN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 7
MCP73837/8
AC CHARACTERISTICS
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typical) + 0.3V] to 6V.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low to High
Current Regulation
Transition Time Out of Precondition
tDELAY
——
10
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of Precondition
tRISE
——
10
ms
IOUT Rising to 90% of IREG
Precondition Comparator Filter Time
tPRECON
0.4
1.3
3.2
ms
Average VBAT Rise/Fall
Termination Comparator Filter Time
tTERM
0.4
1.3
3.2
ms
Average IOUT Falling
Charge Comparator Filter Time
tCHARGE
0.4
1.3
3.2
ms
Average VBAT Falling
Thermistor Comparator Filter Time
tTHERM
0.4
1.3
3.2
ms
Average THERM Rise/Fall
Elapsed Timer
Elapsed Timer Period
tELAPSED
0
0
0
Hours
Timer Disabled
3.6
4.0
4.4
Hours
5.4
6.0
6.6
Hours
7.2
8.0
8.8
Hours
Status Indicators
Status Output Turn-off
tOFF
500
µs
ISINK = 1 mA to 0 mA
Status Output Turn-on
tON
500
µs
ISINK = 0 mA to 1 mA
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typ.) + 0.3V] to 6V.
Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 10-Lead MSOP
θJA
113
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection. Note 1
Thermal Resistance, 10-Lead 3 mm x
3 mm DFN
θJA
41
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection
Note 1:
This represents the minimum copper condition on the PCB ( Printed Circuit Board).


Similar Part No. - MCP73838B6IUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73838-6SI/MF MICROCHIP-MCP73838-6SI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838-6SI/UN MICROCHIP-MCP73838-6SI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838-AMI/MF MICROCHIP-MCP73838-AMI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838-AMI/UN MICROCHIP-MCP73838-AMI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838-B6I/MF MICROCHIP-MCP73838-B6I/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
More results

Similar Description - MCP73838B6IUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com