Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM6988DCX6RF Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6988DCX6RF
Description  20V Dual N-Channel MOSFET w/ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6988DCX6RF Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM6988DCX6RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6988DCX6RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6988DCX6RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6988DCX6RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6988DCX6RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6988DCX6RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM6988D
20V Dual N-Channel MOSFET w/ESD Protected
5/6
Version: B07
SOT-26 Mechanical Drawing
Marking Diagram
60 = Device Code
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-26 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
TYP
MAX
MIN
TYP
MAX
A
0.95 BSC
0.0374 BSC
A1
1.9 BSC
0.0748 BSC
B
2.60
2.80
3.00
0.1024
0.1102
0.1181
C
1.40
1.50
1.70
0.0551
0.0591
0.0669
D
2.80
2.90
3.10
0.1101
0.1142
0.1220
E
1.00
1.10
1.20
0.0394
0.0433
0.0472
F
0.00
--
0.10
0.00
0.0039
G
0.35
0.40
0.50
0.0138
0.0157
0.0197
H
0.10
0.15
0.20
0.0039
0.0059
0.0079
I
0.30
--
0.60
0.0118
--
0.0236
J
--
10º
--
10º


Similar Part No. - TSM6988DCX6RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6988DCX6RF TSC-TSM6988DCX6RF Datasheet
491Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
More results

Similar Description - TSM6988DCX6RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7900D TSC-TSM7900D_10 Datasheet
234Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6866D TSC-TSM6866D Datasheet
154Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM9426D TSC-TSM9426D Datasheet
151Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6970D TSC-TSM6970D Datasheet
242Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD_08 Datasheet
506Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6988D TSC-TSM6988D_08 Datasheet
491Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D Datasheet
175Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D_07 Datasheet
371Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D Datasheet
176Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com