Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4223CDHD-1TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4223CDHD-1TRPBF
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223CDHD-1TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4223CDHD-1TRPBF Datasheet HTML 2Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 3Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 4Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 5Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 6Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 7Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 8Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 9Page - Linear Technology LTC4223CDHD-1TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4223-1/LTC4223-2
6
422312f
TEMPERATURE (
°C)
422312 G10
–50
0.1
0.2
0.3
0.4
0.5
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G11
–50
5.9
6.0
6.1
6.2
6.3
–25
0
25
50
75
100
IGATE (μA)
0
7
6
5
4
3
2
1
0
–6
–10
422312 G12
–2
–4
–8
–12
TEMPERATURE (
°C)
422312 G13
–50
–9.0
–9.5
–10.0
–10.5
–11.0
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
15
20
25
30
–25
025
50
422312 G14
75
100
SENSE VOLTAGE (mV)
0.1
1
10
100
50
150
200
250
0.01
100
300
422312 G15
TEMPERATURE (
°C)
422312 G16
–50
50
100
150
200
250
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
200
400
600
800
1000
1200
–25
025
50
422312 G17
75
100
AUXOUT
12VOUT
VCC (V)
2.5
2.0
2.5
3.0
4.0
5.0
422312 G18
1.5
1.0
3.0
3.5
4.5
5.5
6.0
0.5
0
LOW
HIGH
TYPICAL PERFORMANCE CHARACTERISTICS
AUX Switch On Resistance vs
Temperature
Gate Drive vs Temperature
Gate Drive vs IGATE
Gate Pull-Up Current vs
Temperature
AUX Circuit Breaker Trip Delay vs
Temperature
Active Current Limit Delay vs
Sense Voltage
Gate Fast Pull-Down Current vs
Temperature
Output Discharge Resistance vs
Temperature
Logic Input Threshold vs VCC
Specifications are TA = 25°C, VCC = 3.3V, VAUXIN =
3.3V, V12VIN =12V, unless otherwise specified.


Similar Part No. - LTC4223CDHD-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223 LINER-LTC4223 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4223 LINER-LTC4223 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4223 LINER-LTC4223 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4223 AD-LTC4223 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
More results

Similar Description - LTC4223CDHD-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com