Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5474 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCF5474
Description  MCF547x ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5474 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF5474 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5474 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Hardware Design Considerations
MCF547x ColdFire® Microprocessor, Rev. 4
Freescale Semiconductor
7
Figure 3. Supply Voltage Sequencing and Separation Cautions
The relationship between SD VDD and EVDD is non-critical during power-up and power-down sequences. SD VDD (2.5V or
3.3V) and EVDD are specified relative to IVDD.
4.2.1
Power Up Sequence
If EVDD/SD VDD are powered up with the IVDD at 0V, the sense circuits in the I/O pads cause all pad output drivers connected
to the EVDD/SD VDD to be in a high impedance state. There is no limit to how long after EVDD/SD VDD powers up before IVDD
must power up. IVDD should not lead the EVDD, SD VDD, or PLL VDD by more than 0.4V during power ramp up or there is
high current in the internal ESD protection diodes. The rise times on the power supplies should be slower than 1 microsecond
to avoid turning on the internal ESD protection clamp diodes.
The recommended power up sequence is as follows:
1. Use 1 microsecond or slower rise time for all supplies.
2. IVDD/PLL VDD and EVDD/SD VDD should track up to 0.9V, then separate for the completion of ramps with EVDD/SD
VDD going to the higher external voltages. One way to accomplish this is to use a low drop-out voltage regulator.
4.2.2
Power Down Sequence
If IVDDPLL VDD are powered down first, sense circuits in the I/O pads cause all output drivers to be in a high impedance state.
There is no limit on how long after IVDD and PLL VDD power down before EVDD or SD VDD must power down. IVDD should
not lag EVDD, SD VDD, or PLL VDD going low by more than 0.4V during power down or there is undesired high current in the
ESD protection diodes. There are no requirements for the fall times of the power supplies.
The recommended power down sequence is as follows:
1. Drop IVDD/PLL VDD to 0V
2. Drop EVDD/SD VDD supplies
EVDD, SD VDD (3.3V)
SD VDD (2.5V)
IVDD, PLL VDD
Supplies Stable
2
1
3.3V
2.5V
1.5V
0
Time
NOTES:
IVDD should not exceed EVDD or SD VDD by more than 0.4V
at any time, including power-up.
Recommended that IVDD/PLL VDD should track EVDD/SD VDD up to
0.9V, then separate for completion of ramps.
Input voltage must not be greater than the supply voltage (EVDD, SD VDD,
IVDD, or PLL VDD) by more than 0.5V at any time, including during power-up.
Use 1 microsecond or slower rise time for all supplies.
1.
2.
3.
4.


Similar Part No. - MCF5474

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5474 FREESCALE-MCF5474 Datasheet
706Kb / 28P
   MCF547x Integrated Microprocessor Electrical Characteristics
MCF5474 FREESCALE-MCF5474 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5474EC FREESCALE-MCF5474EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
More results

Similar Description - MCF5474

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com