Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF548X Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF548X
Description  MCF548x ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF548X Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF548X Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCF548x ColdFire® Microprocessor, Rev. 4
Maximum Ratings
Freescale Semiconductor
4
1
Maximum Ratings
Table 1 lists maximum and minimum ratings for supply and operating voltages and storage temperature. Operating outside of
these ranges may cause erratic behavior or damage to the processor.
2
Thermal Characteristics
2.1
Operating Temperatures
Table 2 lists junction and ambient operating temperatures.
Table 1. Absolute Maximum Ratings
Rating
Symbol
Value
Units
External (I/O pads) supply voltage (3.3-V power pins)
EVDD
–0.3 to +4.0
V
Internal logic supply voltage
IVDD
–0.5 to +2.0
V
Memory (I/O pads) supply voltage (2.5-V power pins)
SD VDD
–0.3 to +4.0 SDR Memory
–0.3 to +2.8 DDR Memory
V
PLL supply voltage
PLL VDD
–0.5 to +2.0
V
Internal logic supply voltage, input voltage level
Vin
–0.5 to +3.6
V
Storage temperature range
Tstg
–55 to +150
oC
Table 2. Operating Temperatures
Characteristic
Symbol
Value
Units
Maximum operating junction temperature
Tj
105
oC
Maximum operating ambient temperature
TAmax
<851
1 This published maximum operating ambient temperature should be used only as a system design guideline. All device
operating parameters are guaranteed only when the junction temperature lies within the specified range.
oC
Minimum operating ambient temperature
TAmin
–40
oC


Similar Part No. - MCF548X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
logo
NXP Semiconductors
MCF548X NXP-MCF548X Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results

Similar Description - MCF548X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com