Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1421 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1421
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 2 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4223-1/LTC4223-2
2
422312f
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
12VIN ..................................................... –0.3V to 20V
AUXIN.................................................... –0.3V to 10V
VCC........................................................... –0.3V to 7V
Input Voltages
12ON, AUXON, ⎯E⎯N ................................... –0.3V to 7V
TIMER..........................................–0.3V to VCC + 0.3V
12VSENSE ............................................... –0.3V to 20V
Output Voltages
⎯F⎯A⎯U⎯L⎯T, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D, ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D,
12IMON ................................................... –0.3V to 7V
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
12VSENSE
12VIN
12IMON
12ON
AUXIN
VCC
AUXON
GND
12VGATE
12VOUT
12PGOOD
FAULT
AUXOUT
AUXPGOOD
EN
TIMER
TJMAX = 125°C, θJA = 110°C/W
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
12VGATE
12VOUT
12PGOOD
FAULT
AUXOUT
AUXPGOOD
EN
TIMER
12VSENSE
12VIN
12IMON
12ON
AUXIN
VCC
AUXON
GND
TOP VIEW
DHD PACKAGE
16-LEAD (5mm
× 4mm) PLASTIC DFN
EXPOSED PAD (PIN 17) PCB GND CONNECTION OPTIONAL
MUST BE SOLDERED TO PCB TO OBTAIN
θJA = 43°C/W, OTHERWISE θJA = 140°C/W, TJMAX = 125°C
PIN CONFIGURATION
ORDER INFORMATION
12VGATE ................................................. –0.3V to 25V
12VOUT - 12VGATE (Note 3) ................... –4.5V to 0.3V
AUXOUT................................................. –0.3V to 10V
Operating Temperature Range
LTC4223-1C/ LTC4223-2C ....................... 0°C to 70°C
LTC4223-1I/ LTC4223-2I ..................... –40°C to 85°C
Storage Temperature Range
GN Package ....................................... –65°C to 150°C
DHD Package..................................... –65°C to 125°C
Lead Temperature (Soldering, 10sec)
GN Package ...................................................... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4223CDHD-1#PBF
LTC4223CDHD-1#TRPBF
42231
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC4223CDHD-2#PBF
LTC4223CDHD-2#TRPBF
42232
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC4223IDHD-1#PBF
LTC4223IDHD-1#TRPBF
42231
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
LTC4223IDHD-2#PBF
LTC4223IDHD-2#TRPBF
42232
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
LTC4223CGN-1#PBF
LTC4223CGN-1#TRPBF
42231
16-Lead Plastic SSOP
0°C to 70°C
LTC4223CGN-2#PBF
LTC4223CGN-2#TRPBF
42232
16-Lead Plastic SSOP
0°C to 70°C
LTC4223IGN-1#PBF
LTC4223IGN-1#TRPBF
4223I1
16-Lead Plastic SSOP
–40°C to 85°C
LTC4223IGN-2#PBF
LTC4223IGN-2#TRPBF
4223I2
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC1421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Analog Devices
LTC1421 AD-LTC1421 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
More results

Similar Description - LTC1421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com