Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC177GR-9LG Datasheet(PDF) 8 Page - NEC

Part # UPC177GR-9LG
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC177GR-9LG Datasheet(HTML) 8 Page - NEC

Back Button UPC177GR-9LG Datasheet HTML 2Page - NEC UPC177GR-9LG Datasheet HTML 3Page - NEC UPC177GR-9LG Datasheet HTML 4Page - NEC UPC177GR-9LG Datasheet HTML 5Page - NEC UPC177GR-9LG Datasheet HTML 6Page - NEC UPC177GR-9LG Datasheet HTML 7Page - NEC UPC177GR-9LG Datasheet HTML 8Page - NEC UPC177GR-9LG Datasheet HTML 9Page - NEC UPC177GR-9LG Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet G17933EJ3V0DS
8
μPC177GR-9LG, μPC339GR-9LG
PACKAGE DRAWING (Unit: mm)
S
y
e
S
x
b
M
θ
L
c
Lp
D
HE
ZD
A1
A2
A
D1
E
A3
S
0.145
±0.055
(UNIT:mm)
ITEM
DIMENSIONS
D
D1
E
HE
A
A1
A2
A3
5.15
±0.15
5.00
±0.10
4.40
±0.10
6.40
±0.20
1.20 MAX.
0.10
±0.05
1.00
±0.05
0.25
c
θ
e
x
y
ZD
0.65
0.10
0.10
0.625
L
Lp
L1
0.50
0.60
±0.15
1.00
±0.20
P14GR-65-9LG
3
°+5°
−3°
NOTE
Each lead centerline is located within 0.10mm of
its true position at maximum material condition.
detail of lead end
14-PIN PLASTIC TSSOP (5.72mm (225))
0.24
b
7
8
1
14
L1
+0.06
−0.05


Similar Part No. - UPC177GR-9LG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC177GR-9LG-E1-A RENESAS-UPC177GR-9LG-E1-A Datasheet
314Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC177GR-9LG-E1-A RENESAS-UPC177GR-9LG-E1-A Datasheet
521Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC177GR-9LG-E2-A RENESAS-UPC177GR-9LG-E2-A Datasheet
314Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC177GR-9LG-E2-A RENESAS-UPC177GR-9LG-E2-A Datasheet
521Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC177GR-9LG

ManufacturerPart #DatasheetDescription
logo
NEC
UPC277GR-9LG NEC-UPC277GR-9LG Datasheet
212Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
KEC(Korea Electronics)
KIA339P KEC-KIA339P Datasheet
378Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD VOLTAGE COMPARATORS)
logo
NEC
UPC1251GR-9LG NEC-UPC1251GR-9LG Datasheet
225Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com