Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2854HDD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2854HDD
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2854HDD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2854HDD Datasheet HTML 5Page - Linear Technology LTC2854HDD Datasheet HTML 6Page - Linear Technology LTC2854HDD Datasheet HTML 7Page - Linear Technology LTC2854HDD Datasheet HTML 8Page - Linear Technology LTC2854HDD Datasheet HTML 9Page - Linear Technology LTC2854HDD Datasheet HTML 10Page - Linear Technology LTC2854HDD Datasheet HTML 11Page - Linear Technology LTC2854HDD Datasheet HTML 12Page - Linear Technology LTC2854HDD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2854/LTC2855
9
285455fa
BLOCK DIAGRAMS
LTC2854
LOGIC INPUTS
DE
⎯R⎯E
TE
MODE
A, B
RO
TERMINATOR
0
0
0
RECEIVE
RIN
DRIVEN
OFF
0
0
1
RECEIVE WITH TERM
RTERM
DRIVEN
ON
0
1
0
SHUTDOWN
RIN
HIGH-Z
OFF
0
1
1
TERM ONLY
RTERM
HIGH-Z
ON
1
0
0
TRANSMIT WITH RECEIVE
DRIVEN
DRIVEN
OFF
1
0
1
TRANSMIT WITH RECEIVE
AND TERM
DRIVEN
DRIVEN
ON
1
1
0
TRANSMIT
DRIVEN
HIGH-Z
OFF
1
1
1
TRANSMIT WITH TERM
DRIVEN
HIGH-Z
ON
LTC2855
LOGIC INPUTS
DE
⎯R⎯E
TE
MODE
A, B
Y, Z
RO
TERMINATOR
0
0
0
RECEIVE
RIN
HIGH-Z
DRIVEN
OFF
0
0
1
RECEIVE WITH TERM
RTERM
HIGH-Z
DRIVEN
ON
0
1
0
SHUTDOWN
RIN
HIGH-Z
HIGH-Z
OFF
0
1
1
TERM ONLY
RTERM
HIGH-Z
HIGH-Z
ON
1
0
0
TRANSMIT WITH RECEIVE
RIN
DRIVEN
DRIVEN
OFF
1
0
1
TRANSMIT WITH RECEIVE
AND TERM
RTERM
DRIVEN
DRIVEN
ON
1
1
0
TRANSMIT
RIN
DRIVEN
HIGH-Z
OFF
1
1
1
TRANSMIT WITH TERM
RTERM
DRIVEN
HIGH-Z
ON
LTC2854
LTC2855
DE
RO
DI
A
(15kV)
TE
VCC
B
(15kV)
Z
(15kV)
Y
(15kV)
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
120
Ω
RTERM
120
Ω
RTERM
DE
RO
DI
A
25kV
TE
B
25kV
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
285455 BD
VCC
GND
125k
RIN
125k
RIN
125k
RIN
125k
RIN
GND
FUNCTION TABLES


Similar Part No. - LTC2854HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2854 LINER-LTC2854 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2854 LINER-LTC2854 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2854 AD-LTC2854 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2854HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com