Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5483 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCF5483
Description  MCF548x ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5483 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF5483 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5483 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCF548x ColdFire® Microprocessor, Rev. 4
Output Driver Capability and Loading
Freescale Semiconductor
10
4.4.1
Bias Resistor
The USBRBIAS resistor should be placed as close to the dedicated USB 2.0 pins as possible. The tolerance should be ±1%.
Figure 7. USBRBIAS Connection
5
Output Driver Capability and Loading
Table 6 lists values for drive capability and output loading.
Table 6. I/O Driver Capability1
1 The device’s pads have balanced sink and source current. The drive capability is the same as
the sink capability.
Signal
Drive
Capability
Output
Load (CL)
SDRAMC (SDADDR[12:0], SDDATA[31:0], RAS, CAS, SDDM[3:0],
SDWE, SDBA[1:0]
24 mA
15 pF
SDRAMC DQS and clocks (SDDQS[3:0], SDRDQS, SDCLK[1:0],
SDCLK[1:0], SDCKE)
24 mA
15 pF
SDRAMC chip selects (SDCS[3:0])
24 mA
15 pF
FlexBus (AD[31:0], FBCS[5:0], ALE, R/W, BE/BWE[3:0], OE)
16 mA
30 pF
FEC (EnMDIO, EnMDC, EnTXEN, EnTXD[3:0], EnTXER
8 mA
15 pF
Timer (TOUT[3:0])
8 mA
50 pF
FlexCAN (CANTX)
8 mA
30 pF
DACK[1:0]
8 mA
30 pF
PSC (PSCnTXD[3:0], PSCnRTS/PSCnFSYNC,
8 mA
30 pF
DSPI (DSPISOUT, DSPICS0/SS, DSPICS[2:3], DSPICS5/PCSS)
24 mA
50 pF
PCI (PCIAD[31:0], PCIBG[4:1], PCIBG0/PCIREQOUT, PCIDEVSEL,
PCICXBE[3:0], PCIFRM, PCIPERR, PCIRESET, PCISERR, PCISTOP,
PCIPAR, PCITRDY, PCIIRDY
16 mA
50 pF
I2C (SCL, SDA)
8 mA
50 pF
BDM (PSTCLK, PSTDDATA[7:0], DSO/TDO,
8 mA
25 pF
RSTO
8 mA
50 pF
9.1k
Ω
USBRBIAS


Similar Part No. - MCF5483

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5483 FREESCALE-MCF5483 Datasheet
790Kb / 28P
   Microprocessor Electrical Characteristics
MCF5483 FREESCALE-MCF5483 Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
MCF5483 FREESCALE-MCF5483 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5483 FREESCALE-MCF5483 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5483 NXP-MCF5483 Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results

Similar Description - MCF5483

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com