Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5484 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF5484
Description  MCF548x ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5484 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5484 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PLL Timing Specifications
MCF548x ColdFire® Microprocessor, Rev. 4
Freescale Semiconductor
11
6
PLL Timing Specifications
The specifications in Table 7 are for the CLKIN pin.
Figure 8. Input Clock Timing Diagram
Table 8 shows the supported PLL encodings.
Figure 9 correlates CLKIN, internal bus, and core clock frequencies for the 1x–4x multipliers.
Figure 9. CLKIN, Internal Bus, and Core Clock Ratios
Table 7. Clock Timing Specifications
Num
Characteristic
Min
Max
Units
C1
Cycle time
20
40
ns
C2
Rise time (20% of Vdd to 80% of vdd)
2
ns
C3
Fall time (80% of Vdd to 20% of Vdd)
2
ns
C4
Duty cycle (at 50% of Vdd)
40
60
%
Table 8. MCF548x Divide Ratio Encodings
AD[12:8]1
1 All other values of AD[12:8] are reserved.
Clock
Ratio
CLKIN—PCI and FlexBus
Frequency Range (MHz)
Internal XLB, SDRAM Bus,
and PSTCLK Frequency
Range (MHz)
Core Frequency Range
(MHz)
00011
1:2
41.67–50.0
83.33–100
166.66–200
00101
1:2
25.0–41.67
50.0–83.332
2 DDR memories typically have a minimum speed of 83 MHz. Some vendors specifiy down to 75 MHz. Check with the
memory component specifications to verify.
100.0–166.66
01111
1:4
25.0
100
200
CLKIN
C4
C1
C4
C2
C3
25 40 50 60 70
70 80 90 100110120130140150160170180190200
60
25.0
50.0
100.0
CLKIN (MHz)
Core Clock (MHz)
Core Clock
CLKIN
200.0
40 50 60 70 80 90 100
30
50.0
100.0
Internal Clock
Internal Clock (MHz)
2x
2x
25.0
200.0
2x
4x
100.0


Similar Part No. - MCF5484

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5484 FREESCALE-MCF5484 Datasheet
790Kb / 28P
   Microprocessor Electrical Characteristics
MCF5484 FREESCALE-MCF5484 Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
MCF5484 FREESCALE-MCF5484 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5484 FREESCALE-MCF5484 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5484 NXP-MCF5484 Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results

Similar Description - MCF5484

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com