Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1819 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1819
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology LT1819 Datasheet HTML 10Page - Linear Technology LT1819 Datasheet HTML 11Page - Linear Technology LT1819 Datasheet HTML 12Page - Linear Technology LT1819 Datasheet HTML 13Page - Linear Technology LT1819 Datasheet HTML 14Page - Linear Technology LT1819 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6401-20
11
640120f
two outputs have the same gain and thus symmetrical
swing. In general, the single-ended input impedance and
termination resistor RT are determined by the combination
of RS, RG and RF. For example, when RS is 50Ω, it is found
that the single-ended input impedance is 200Ω and RT is
66.5Ω in order to match to a 50Ω source impedance.
The LTC6401-20 is unconditionally stable. However, the
overall differential gain is affected by both source imped-
ance and load impedance as shown in Figure 4:
A
V
VR
R
R
V
OUT
IN
S
L
L
==
++
2000
200 25
The noise performance of the LTC6401-20 also depends
upon the source impedance and termination. For example,
an input 1:4 balun transformer in Figure 2 improves SNR
by adding 6dB of gain at the inputs. A trade-off between
gain and noise is obvious when constant noise figure
circle and constant gain circle are plotted within the same
Figure 4. Calculate Differential Gain
input Smith Chart, based on which users can choose the
optimal source impedance for a given gain and noise
requirement.
Output Match and Filter
The LTC6401-20 can drive an ADC directly without
external output impedance matching. Alternatively, the
differential output impedance of 25Ω can be matched to
higher value impedance, e.g. 50Ω, by series resistors or
an LC network.
The internal low pass filter outputs at +OUTF/–OUTF
have a –3dB bandwidth of 590MHz. External capacitor
can reduce the low pass filter bandwidth as shown in
Figure 5. A bandpass filter is easily implemented with
only a few components as shown in Figure 6. Three
39pF capacitors and a 16nH inductor create a bandpass
filter with 165MHz center frequency, –3dB frequencies at
138MHz and 200MHz.
APPLICATIONS INFORMATION
Figure 3. Input Termination for Single-Ended 50Ω Input
Impedance
Figure 5. LTC6401-20 Internal Filter Topology Modified for Low
Filter Bandwidth (Three External Capacitors)
640120 F03
IN+
OUT–
IN–
OUT+
100
Ω
RT
66.5
Ω
0.1
μF
0.1
μF
12.5
Ω
1000
Ω
LTC6401-20
100
Ω
RS
50
Ω
RS
50
Ω
VIN
1000
Ω
12.5
Ω
50
Ω
50
Ω
13
14
15
16
7
5
6
8
+
0.1
μF
RT
66.5
Ω
+OUT
+OUTF
–OUTF
–OUT
+IN
+IN
–IN
–IN
1.7pF
640120 F04
IN+
OUT–
IN–
OUT+
100
Ω
12.5
Ω
1000
Ω
LTC6401-20
100
Ω
1/2 RS
1/2 RS
VIN
VOUT
1000
Ω
12.5
Ω
50
Ω
50
Ω
13
14
15
16
7
5
6
8
+
1/2 RL
1/2 RL
+OUT
+OUTF
–OUTF
–OUT
+IN
+IN
–IN
–IN
1.7pF
640120 F05
IN+
OUT–
IN–
OUT+
100
Ω
12.5
Ω
1000
Ω
LTC6401-20
100
Ω
1000
Ω
12.5
Ω
50
Ω
50
Ω
13
14
15
16
7
5
6
8
8.2pF
8.2pF
12pF
FILTERED OUTPUT
(87.5MHz)
+OUT
+OUTF
–OUTF
–OUT
+IN
+IN
–IN
–IN
1.7pF
Figure 6. LTC6401-20 Application Circuit for Bandpass
Filtering (Three External Capacitors, One External Inductor)
LTC2208
10
Ω
10
Ω
4.99
Ω
4.99
Ω
39pF
16nH
39pF
39pF
640120 F06
IN+
OUT–
IN–
OUT+
100
Ω
12.5
Ω
1000
Ω
LTC6401-20
100
Ω
1000
Ω
12.5
Ω
50
Ω
50
Ω
13
14
15
16
7
5
6
8
+OUT
+OUTF
–OUTF
–OUT
+IN
+IN
–IN
–IN
1.7pF


Similar Part No. - LT1819

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1819 LINER-LT1819 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT1819 LINER-LT1819 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LT1819 LINER-LT1819 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LT1819 LINER-LT1819 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LT1819 LINER-LT1819 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1819

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com