Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855HGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2855HGN
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2855HGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2855HGN Datasheet HTML 3Page - Linear Technology LTC2855HGN Datasheet HTML 4Page - Linear Technology LTC2855HGN Datasheet HTML 5Page - Linear Technology LTC2855HGN Datasheet HTML 6Page - Linear Technology LTC2855HGN Datasheet HTML 7Page - Linear Technology LTC2855HGN Datasheet HTML 8Page - Linear Technology LTC2855HGN Datasheet HTML 9Page - Linear Technology LTC2855HGN Datasheet HTML 10Page - Linear Technology LTC2855HGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2854/LTC2855
7
285455fa
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Skew
vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
TA = 25°C, VCC = 3.3V, unless otherwise noted.
Receiver Output Voltage vs
Output Current (Source and Sink)
TEMPERATURE (˚C)
–40
1
80
285455 G01
0
2
040
–20
100
20
60
120
–1
VAB = 1.5V
CL = 15pF
TEMPERATURE (˚C)
–40
1
80
285455 G02
0
040
–20
100
20
60
120
–1
RDIFF = 54Ω
CL = 100pF
TEMPERATURE (˚C)
–40
12
14
16
80
285455 G03
10
9
040
–20
100
20
60
120
6
4
18
RDIFF = 54Ω
CL = 100pF
TEMPERATURE (˚C)
–40
120
125
130
80
285455 G04
115
110
040
–20
100
20
60
120
105
100
135
OUTPUT CURRENT (mA)
0
2
3
60
285455 G05
1
20
40
10
30
50
70
0
VOH
VOL
TEMPERATURE (˚C)
–40
2
3
80
285455 G06
1
040
–20
100
20
60
120
0
RDIFF =
RDIFF = 100Ω
RDIFF = 54Ω
OUTPUT CURRENT (mA)
0
2
3
285455 G07
1
24
1
35
6
0
SOURCE
SINK
TEMPERATURE (˚C)
–40
55
60
65
80
285455 G08
50
45
040
–20
100
20
60
120
40
35
70
VAB = 1.5V
CL = 15pF
DATA RATE (Mbps)
0.1
0
40
50
60
1
10
100
285455 G09
30
20
10
CL = 100pF
RDIFF =
RDIFF = 100Ω
RDIFF = 54Ω


Similar Part No. - LTC2855HGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2855 LINER-LTC2855 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2855 LINER-LTC2855 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2855 LINER-LTC2855 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2855 AD-LTC2855 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2855HGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com