Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1251GR-9LG-E2-A Datasheet(PDF) 10 Page - NEC

Part # UPC1251GR-9LG-E2-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1251GR-9LG-E2-A Datasheet(HTML) 10 Page - NEC

Back Button UPC1251GR-9LG-E2-A Datasheet HTML 4Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 5Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 6Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 7Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 8Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 9Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 10Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 11Page - NEC UPC1251GR-9LG-E2-A Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet G17929EJ3V0DS
10
μPC1251GR-9LG, μPC1251MP-KAA, μPC358GR-9LG
5
8
1
M
S
S
S
8-PIN PLASTIC TSSOP(2.8x2.9)
detail of lead end
ITEM
DIMENSIONS
D
D1
E
e
A1
A
A2
L1
ZD
c
x
y
b
2.80
0.08
+
+
1.03 MAX.
0.85
4.00
±
±
0.60
0.525
0.20
0.05
0.03
0.05
±0.10
±
±
±
±
0.05
0.145
0.10
0.10
0.22 0.05
Lp
0.37
A3
3
°
5
°
3
°
(UNIT:mm)
P8MP-65-KAA
D
D1
L1
A
A2
A1
ZD
e
b
y
Lp
θ
HE
c
A3
x
2.90
3.00
0.20
0.20
4
NEC Electronics Corporation 2006
S
0.65
0.25
HE
E
NOTE
Each lead centerline is located within 0.10 mm of
its true position at maximum material condition.
<R>


Similar Part No. - UPC1251GR-9LG-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1251GR-9LG RENESAS-UPC1251GR-9LG Datasheet
346Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC1251GR-9LG RENESAS-UPC1251GR-9LG Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
More results

Similar Description - UPC1251GR-9LG-E2-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC177GR-9LG NEC-UPC177GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
logo
Renesas Technology Corp
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
   SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
logo
NEC
UPC277GR-9LG NEC-UPC277GR-9LG Datasheet
212Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
   DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com