Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC277MP-KAA-E2-A Datasheet(PDF) 6 Page - NEC

Part # UPC277MP-KAA-E2-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC277MP-KAA-E2-A Datasheet(HTML) 6 Page - NEC

Back Button UPC277MP-KAA-E2-A Datasheet HTML 2Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 3Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 4Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 5Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 6Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 7Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 8Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 9Page - NEC UPC277MP-KAA-E2-A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet G17934EJ3V0DS
6
μPC277GR-9LG, μPC277MP-KAA, μPC393GR-9LG
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.) (Reference value)
PT vs. TA
ICC vs. V+
600
500
400
300
200
100
0
0
20
40
60
80
100
120
140
With 100 mm x 100 mm,
thickness 1 mm glass epoxy
substrate (refer to "ABSOLUTE
MAXIMUM RATINGS Note 4" )
TA - Operating Ambient Temperature -
°C
0
0.5
1
1.5
2
0
10203040
TA =
−40°C
RL =
IO = 0 A
25
°C
125
°C
V+ - Power Supply Voltage - V (V= GND)
VIO vs. TA
IB vs. V
+
-3
-2
-1
0
1
2
3
-50
0
50
100
150
V+ =
+5 V, V= GND
each 5 samples data
TA - Operating Ambient Temperature -
°C
0
10
20
30
0
10
203040
V+ - Power Supply Voltage - V (V= GND)
IB vs. TA
VOL vs. IO SINK
0
10
20
30
40
-50
0
50
100
150
V+ =
+15 V
V= GND
TA - Operating Ambient Temperature -
°C
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
TA = 125
°C
25
°C
−40°C
V /2
+
V+
VO
IO SINK
+
V+ =
+15 V
IO SINK - Output Sink Current - mA
<R>


Similar Part No. - UPC277MP-KAA-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC277MP-KAA-A RENESAS-UPC277MP-KAA-A Datasheet
717Kb / 10P
   Small Package Single Power Supply Dual Comparator
2019.1.17
More results

Similar Description - UPC277MP-KAA-E2-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC177GR-9LG NEC-UPC177GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
logo
Renesas Technology Corp
PC277GR-9LG RENESAS-PC277GR-9LG_15 Datasheet
333Kb / 14P
   SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
NEC
UPC1251GR-9LG NEC-UPC1251GR-9LG Datasheet
225Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC277GR RENESAS-UPC277GR Datasheet
717Kb / 10P
   Small Package Single Power Supply Dual Comparator
2019.1.17
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com