Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2606 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2606
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2606 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2606 Datasheet HTML 3Page - Linear Technology LTC2606 Datasheet HTML 4Page - Linear Technology LTC2606 Datasheet HTML 5Page - Linear Technology LTC2606 Datasheet HTML 6Page - Linear Technology LTC2606 Datasheet HTML 7Page - Linear Technology LTC2606 Datasheet HTML 8Page - Linear Technology LTC2606 Datasheet HTML 9Page - Linear Technology LTC2606 Datasheet HTML 10Page - Linear Technology LTC2606 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2753
7
2753f
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2751 G09
VDD = 5V
±5V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+DNL
–DNL
+DNL
–DNL
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2753 G01
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2753 G02
VDD = 5V
VREF = 5V
±10V RANGE
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2753 G04
VDD = 5V
VREF = 5V
±10V RANGE
+INL
–INL
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2753 G05
VDD = 5V
VREF = 5V
±10V RANGE
+DNL
–DNL
TEMPERATURE (°C)
–40
8
4
2
0
4
–20
20
0
40
6
6
8
2
60
80
2753 G06
VDD = 5V
VREF = 5V
±10V RANGE
0.5ppm/°C (TYP)
TEMPERATURE (°C)
–40
–16
–8
–4
0
8
–20
20
0
40
–12
12
16
4
60
80
2753 G07
VDD = 5V
VREF = 5V
±10V RANGE
0.6ppm/°C (TYP)
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2753 G08
VDD = 5V
±5V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+INL
–INL
+INL
–INL
INL vs Temperature
DNL vs Temperature
Bipolar Zero vs Temperature
Gain Error vs Temperature
INL vs VREF
DNL vs VREF
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2753-16
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC2606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2606CDD LINER-LTC2606CDD Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606CDD-1 LINER-LTC2606CDD-1 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606IDD LINER-LTC2606IDD Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com