Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2616 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2616
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2616 Datasheet HTML 4Page - Linear Technology LTC2616 Datasheet HTML 5Page - Linear Technology LTC2616 Datasheet HTML 6Page - Linear Technology LTC2616 Datasheet HTML 7Page - Linear Technology LTC2616 Datasheet HTML 8Page - Linear Technology LTC2616 Datasheet HTML 9Page - Linear Technology LTC2616 Datasheet HTML 10Page - Linear Technology LTC2616 Datasheet HTML 11Page - Linear Technology LTC2616 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2753
8
2753f
500ns/DIV
UPD
5V/DIV
GATED
SETTLING
WAVEFORM
250μV/DIV
2753 G10
USING LT1469 AMP
CFEEDBACK = 12pF
0V TO 10V STEP
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16383
2753 G11
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16383
2753 G12
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
1024
2048
–0.6
0.6
0.8
0.2
3072
4095
2753 G13
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
1024
2048
3072
4095
2753 G14
VDD = 5V
VREF = 5V
±10V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
TYPICAL PERFORMANCE CHARACTERISTICS
Settling 0V to 10V
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2753-12
LTC2753-16
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2753-14
VDD (V)
2.5
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
3
4
3.5
4.5
–0.6
0.6
0.8
0.2
5
5.5
2751 G09b
+INL
–INL
INL vs VDD
TA = 25°C, unless otherwise noted.
Multiplying Frequency Response
vs Digital Code
FREQUENCY (Hz)
100
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
2753 G10a
10M
ALL BITS OFF
D8
D4
D2
D0
D7
D1
D3
D9
D6
D5
D15
D14
D12
D10
D13
D11
ALL BITS ON
UNIPOLAR 5V OUTPUT RANGE
LT1469 OUTPUT AMPLIFIER
CFEEDBACK = 15pF


Similar Part No. - LTC2616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2616 LINER-LTC2616 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2616 AD-LTC2616 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2616CDD LINER-LTC2616CDD Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616CDD-1 LINER-LTC2616CDD-1 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616IDD LINER-LTC2616IDD Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com