Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1251MP5-KAA-E1-A Datasheet(PDF) 4 Page - NEC

Part # UPC1251MP5-KAA-E1-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1251MP5-KAA-E1-A Datasheet(HTML) 4 Page - NEC

  UPC1251MP5-KAA-E1-A Datasheet HTML 1Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 2Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 3Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 4Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 5Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 6Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 7Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 8Page - NEC UPC1251MP5-KAA-E1-A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet G17929EJ3V0DS
4
μPC1251GR-9LG, μPC1251MP-KAA, μPC358GR-9LG
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Split)
V±
±1.5
±15
V
Power Supply Voltage (V= GND)
V+
+3
+30
V
ELECTRICAL CHARACTERISTICS
μPC1251GR-9LG, μPC1251MP-KAA, μPC358GR-9LG (TA = 25°C, V+ = +5 V, V= GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS = 0
Ω
±2
±7
mV
Input Offset Current
IIO
±5
±50
nA
Input Bias Current
Note1
IB
14
250
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ
25000
100000
Circuit Current
Note2
ICC
RL =
∞, IO = 0 A
0.7
1.2
mA
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
RL = 2 k
Ω (Connect to GND)
0
V+
− 1.5
V
Common Mode lnput Voltage Range
VICM
0
V+
− 1.5
V
Output Source Current
IO SOURCE VIN (+) =
+1 V, VIN (−) = 0 V
20
40
mA
Output Sink Current
IO SINK1
VIN (−) =
+1 V, VIN (+) = 0 V
10
20
mA
IO SINK2
VIN (−) =
+1 V, VIN (+) = 0 V, VO = 200 mV
12
50
μA
Channel Separation
f = 1 to 20 kHz
120
dB
μPC1251GR(5)-9LG, μPC1251MP(5)-KAA, μPC358GR(5)-9LG (TA = 25°C, V+ = +5 V, V= GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS = 0
Ω
±2
±3
mV
Input Offset Current
IIO
±5
±50
nA
Input Bias Current
Note1
IB
14
60
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ
50000
100000
Circuit Current
Note2
ICC
RL =
∞, IO = 0 A
0.7
0.9
mA
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
RL = 2 k
Ω (Connect to GND)
0
V+
− 1.5
V
Common Mode lnput Voltage Range
VICM
0
V+
− 1.4
V
Output Source Current
IO SOURCE VIN (+) =
+1 V, VIN (−) = 0 V
30
40
mA
Output Sink Current
IO SINK1
VIN (−) =
+1 V, VIN (+) = 0 V
15
20
mA
IO SINK2
VIN (−) =
+1 V, VIN (+) = 0 V, VO = 200 mV
30
50
70
μA
Channel Separation
f = 1 to 20 kHz
120
dB
Notes1. The input bias current flows in the direction where the IC flows out because the first stage is configured with a
PNP transistor.
2. This is a current that flows in the internal circuit. This current will flow irrespective of the channel used.
<R>


Similar Part No. - UPC1251MP5-KAA-E1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1251MP-KAA RENESAS-UPC1251MP-KAA Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
UPC1251MP-KAA RENESAS-UPC1251MP-KAA Datasheet
346Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC1251MP5-KAA-E1-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC177GR-9LG NEC-UPC177GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
logo
Renesas Technology Corp
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
   SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
logo
NEC
UPC277GR-9LG NEC-UPC277GR-9LG Datasheet
212Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
   DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com