Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2900 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2900
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2900 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2900 Datasheet HTML 2Page - Linear Technology LTC2900 Datasheet HTML 3Page - Linear Technology LTC2900 Datasheet HTML 4Page - Linear Technology LTC2900 Datasheet HTML 5Page - Linear Technology LTC2900 Datasheet HTML 6Page - Linear Technology LTC2900 Datasheet HTML 7Page - Linear Technology LTC2900 Datasheet HTML 8Page - Linear Technology LTC2900 Datasheet HTML 9Page - Linear Technology LTC2900 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2917/LTC2918
6
29178f
TEMPERATURE (˚C)
–50
0.5
1.0
1.5
25
75
29178 G01
0
–0.5
–25
0
50
100
125
–1.0
–1.5
VMT120
VMTADJ
VMT25
TEMPERATURE (
°C)
–50
20
25
30
35
40
–25
0
25
50
29178 G02
75
100
125
SEL1 = 0V
SEL2 = 2.5V
TOL = OPEN
VCC = 5.5V
VCC = 2.5V
VCC = 1.5V
GLITCH PERCENTAGE PAST THRESHOLD (%)
0.1
0
200
250
300
1
10
100
29178 G03
150
100
50
RESET OCCURS
ABOVE CURVE
TEMPERATURE (
°C)
–50
–25
150
190
250
0
50
75
29178 G05
170
230
210
25
100
125
RT = VCC
TEMPERATURE (
°C)
–50
–25
1.0
1.4
2.0
0
50
75
29178 G06
1.2
1.8
1.6
25
100
125
WT = VCC
WT PIN CAPACITANCE, CWT (nF)
0.001
1
100
10000
110
0.1
0.01
100
29178 G07
10
1000
SUPPLY CURRENT, ICC (mA)
0.01
6.4
6.6
100
29178 G09
6.2
6.0
0.1
1
10
7.0
6.8
TYPICAL PERFORMANCE CHARACTERISTICS
Threshold Voltage vs
Temperature
Quiescent Supply Current vs
Temperature
Allowable Glitch Duration vs
Magnitude
Reset Timeout Period vs RT
Capacitance
Internal Reset Timeout Period vs
Temperature
Internal Watchdog Timeout
Period vs Temperature
Watchdog Timeout Period vs
Capacitance
Shunt Regulation Voltage vs
Temperature
Shunt Regulation Voltage vs
Supply Current
RT PIN CAPACITANCE, CRT (nF)
0.001
0.1
10
10000
0.1
0.01
1
10
100
1000
29178 G04
1
100
1000
TEMPERATURE (
°C)
–50
6.1
6.2
6.3
6.4
–25
0
25
50
29178 G08
75
100
125
ICC = 5mA
ICC = 1mA
ICC = 100μA


Similar Part No. - LTC2900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2900 LINER-LTC2900 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC2900 LINER-LTC2900 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2900 LINER-LTC2900 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
More results

Similar Description - LTC2900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com