Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360ETZUALFGA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8360ETZUALFGA
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360ETZUALFGA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8360ETZUALFGA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8360ETZUALFGA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
11
Electrical Characteristics
Figure 3 shows the undershoot and overshoot voltages at the interfaces of the device.
Figure 3. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
Figure 4 shows the undershoot and overshoot voltage of the PCI interface of the device for the 3.3-V
signals, respectively.
Figure 4. Maximum AC Waveforms on PCI interface for 3.3-V Signaling
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/OVDD + 20%
G/L/OVDD
G/L/OVDD + 5%
of tinterface
1
1. Note that tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)


Similar Part No. - MPC8360ETZUALFGA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360E NXP-MPC8360E Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
MPC8360ECVVADDEA NXP-MPC8360ECVVADDEA Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
More results

Similar Description - MPC8360ETZUALFGA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360CZUAJDG FREESCALE-MPC8360CZUAJDG Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
   PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com