Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2905 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2905
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 4 Page - Linear Technology

  LTC2905 Datasheet HTML 1Page - Linear Technology LTC2905 Datasheet HTML 2Page - Linear Technology LTC2905 Datasheet HTML 3Page - Linear Technology LTC2905 Datasheet HTML 4Page - Linear Technology LTC2905 Datasheet HTML 5Page - Linear Technology LTC2905 Datasheet HTML 6Page - Linear Technology LTC2905 Datasheet HTML 7Page - Linear Technology LTC2905 Datasheet HTML 8Page - Linear Technology LTC2905 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2917/LTC2918
4
29178f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC(MIN)
Minimum Supply Voltage
⎯R⎯S⎯T in Correct Logic State
0.8
V
VCC(UVLO)
Supply Undervoltage Lockout
1.5
V
VCC(SHUNT)
Shunt Regulation Voltage
IVCC = 0.5mA
5.7
6.2
7.0
V
ICC
VCC Pin Current
SEL1, SEL2, TOL, ⎯M⎯R = Open
SEL1, SEL2, TOL = GND (LTC2917)
⎯M⎯R = VCC (LTC2918)
30
45
50
80
μA
μA
Monitor Input (VM)
VMT120
12V, 5% Reset Threshold
12V, 10% Reset Threshold
12V, 15% Reset Threshold
11.04
10.44
9.84
11.22
10.62
10.02
11.40
10.80
10.20
V
V
V
VMT50
5V, 5% Reset Threshold
5V, 10% Reset Threshold
5V, 15% Reset Threshold
4.600
4.350
4.100
4.675
4.425
4.175
4.750
4.500
4.250
V
V
V
VMT33
3.3V, 5% Reset Threshold
3.3V, 10% Reset Threshold
3.3V, 15% Reset Threshold
3.036
2.871
2.706
3.086
2.921
2.756
3.135
2.970
2.805
V
V
V
VMT25
2.5V, 5% Reset Threshold
2.5V, 10% Reset Threshold
2.5V, 15% Reset Threshold
2.300
2.175
2.050
2.338
2.213
2.088
2.375
2.250
2.125
V
V
V
VMT18
1.8V, 5% Reset Threshold
1.8V, 10% Reset Threshold
1.8V, 15% Reset Threshold
1.656
1.566
1.476
1.683
1.593
1.503
1.710
1.620
1.530
V
V
V
VMT15
1.5V, 5% Reset Threshold
1.5V, 10% Reset Threshold
1.5V, 15% Reset Threshold
1.380
1.305
1.230
1.403
1.328
1.253
1.425
1.350
1.275
V
V
V
VMT12
1.2V, 5% Reset Threshold
1.2V, 10% Reset Threshold
1.2V, 15% Reset Threshold
1.104
1.044
0.984
1.122
1.062
1.002
1.140
1.080
1.020
V
V
V
VMT10
1V, 5% Reset Threshold
1V, 10% Reset Threshold
1V, 15% Reset Threshold
0.920
0.870
0.820
0.935
0.885
0.835
0.950
0.900
0.850
V
V
V
VMTADJ
ADJ (0.5V), 5% Reset Threshold
ADJ (0.5V), 10% Reset Threshold
ADJ (0.5V), 15% Reset Threshold
460.0
435.0
410.0
467.5
442.5
417.5
475.0
450.0
425.0
mV
mV
mV
RVM
VM Input Impedance (Note 4)
Fixed Threshold Modes
0.5
8
IVM(ADJ)
ADJ Input Current
VM = 0.5V
±15
nA
Three-State Inputs (SEL1, SEL2), (TOL, LTC2917)
VTPIN, LOW
Low Level Input Voltage
0.5
V
VTPIN, HIGH
High Level Input Voltage
1.4
V
VTPIN, Z
Pin Voltage when Open
I = 0μA
0.9
V
ITPIN, Z
Allowable Leakage in Open State
±5
μA
ITPIN, H/L
Pin Input Current
VTPIN = 0V, VCC
±20
μA
Reset Timer Control (RT)
IRT(UP)
RT Pull Up Current
VRT = 0.25V
–2
–3
–4
μA
IRT(DOWN)
RT Pull Down Current
VRT = 1.1V
234
μA
IRT(INT)
Internal RT VCC Detect Current
VRT = VCC
18
μA
VRT(INT, LH)
RT Internal Timer Threshold
VRT Rising, Referenced to VCC
–100
–160
–300
mV
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V, unless otherwise noted. (Note 2)


Similar Part No. - LTC2905

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2905 LINER-LTC2905 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2905 LINER-LTC2905 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2905 LINER-LTC2905 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
LTC2905 LINER-LTC2905 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2905

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com