Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2914 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2914
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology LTC2914 Datasheet HTML 10Page - Linear Technology LTC2914 Datasheet HTML 11Page - Linear Technology LTC2914 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2917/LTC2918
8
29178f
BLOCK DIAGRAM
GND
RST
VCC
VCC
VCC
29178 BD
VM
SEL1
MR
SEL2
RT
3 STATE
DECODE
MONITOR
DIVIDER
MATRIX
REFERENCE
DIVIDER
MATRIX
INTERNAL
200ms TIMER
ADJUSTABLE
RESET TIMER
RESET
DRIVER LOGIC
VCC DETECT
TOL
6.2V
100k
0.5V
+
WT
WDI
VCC DETECT
INTERNAL
1.6 SECOND
TIMER
ADJUSTABLE
WATCHDOG
TIMER
WATCHDOG
LOGIC
LTC2918
LTC2917
TIMING DIAGRAM
VM
RST
VMTx
1V
tUV
tRST
29178 TD01
Monitor Input Timing
WDI
RST
tWDU
tRST
29178 TD01
WDI
RST
tWDU
t > tWDL
tRST
29178 TD03
tRST
t < tWDL
Watchdog Timing (LTC2917-A, LTC2918-A)
Watchdog Timing (LTC2917-B, LTC2918-B)


Similar Part No. - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2914 LINER-LTC2914 Datasheet
291Kb / 24P
   High Voltage Surge
LTC2914 LINER-LTC2914 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results

Similar Description - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com