Electronic Components Datasheet Search |
|
MPC8360ETVVALDHA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MPC8360ETVVALDHA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 112 page MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2 Freescale Semiconductor 5 Overview – Asynchronous HDLC – UART – BISYNC up to 2 Mbps – User-programmable Virtual FIFO size – QUICC Multichannel Controller (QMC) for 64 TDM channels — One multichannel communication controller (MCC) only on the MPC8360E supporting the following: – 256 HDLC or transparent channels – 128 SS7 channels – Almost any combination of subgroups can be multiplexed to single or multiple TDM interfaces — Two UTOPIA/POS interfaces on the MPC8360E supporting 124 MultiPHY each (optional 2*128 MultiPHY with extended address) and one UTOPIA/POS interface on the MPC8358E supporting 31/124 MultiPHY — Two serial peripheral interfaces (SPI); SPI2 is dedicated to Ethernet PHY management — Eight TDM interfaces on the MPC8360E and four TDM interfaces on the MPC8358E with 1-bit mode for E3/T3 rates in clear channel — Sixteen independent baud rate generators and 30 input clock pins for supplying clocks to UCC and MCC serial channels (MCC is only available on the MPC8360E) — Four independent 16-bit timers that can be interconnected as four 32-bit timers — Interworking functionality: – Layer 2 10/100-Base T Ethernet switch – ATM-to-ATM switching (AAL0, 2, 5) – Ethernet-to-ATM switching with L3/L4 support – PPP interworking • Security engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP, 802.11i, iSCSI, and IKE processing. The security engine contains four crypto-channels, a controller, and a set of crypto execution units (EUs). — Public key execution unit (PKEU) supporting the following: – RSA and Diffie-Hellman – Programmable field size up to 2048 bits – Elliptic curve cryptography – F2m and F(p) modes – Programmable field size up to 511 bits — Data encryption standard execution unit (DEU) –DES, 3DES – Two key (K1, K2) or three key (K1, K2, K3) – ECB and CBC modes for both DES and 3DES — Advanced encryption standard unit (AESU) |
Similar Part No. - MPC8360ETVVALDHA |
|
Similar Description - MPC8360ETVVALDHA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |