Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3MBI150U-120 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 3MBI150U-120
Description  IGBT Module U-Series 1200V / 150A 3 in one-package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3MBI150U-120 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  3MBI150U-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3MBI150U-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3MBI150U-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3MBI150U-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3MBI150U-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Outline Drawings, mm
M634
3MBI150U-120
IGBT Module
(
) shows reference dimension.
1
2
3
4
5
6
7,8,9
10,11,12
13,14,15
16,17,18
1
2
3
4
5
6
7,8,9
10,11,12
13,14,15
16,17,18
Equivalent Circuit Schematic


Similar Part No. - 3MBI150U-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
   1200V / 150A 3 in one-package
More results

Similar Description - 3MBI150U-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3MBI150UC-120 ETC2-3MBI150UC-120 Datasheet
128Kb / 5P
   IGBT Module U-Series 1200V / 150A 3 in one-package
2MBI150UA-120 ETC2-2MBI150UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
2MBI150UB-120 ETC2-2MBI150UB-120 Datasheet
105Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
logo
Fuji Electric
2MBI150VA-120-50 FUJI-2MBI150VA-120-50 Datasheet
478Kb / 6P
   IGBT MODULE (V series) 1200V / 150A / 2 in one package
3MBI150UC-120 FUJI-3MBI150UC-120 Datasheet
128Kb / 5P
   1200V / 150A 3 in one-package
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
   1200V / 150A 3 in one-package
2MBI150VB-120-50 FUJI-2MBI150VB-120-50 Datasheet
419Kb / 6P
   IGBT MODULE (V series) 1200V / 150A / 2 in one package
logo
List of Unclassifed Man...
6MBI150U-170 ETC2-6MBI150U-170 Datasheet
151Kb / 5P
   IGBT Module U-Series 1700V / 150A 6 in one-package
logo
Fuji Electric
2MBI150U2A-060 FUJI-2MBI150U2A-060 Datasheet
103Kb / 4P
   IGBT Module U-Series 600V / 150A 2 in one-package
2MBI150HH-120-50 FUJI-2MBI150HH-120-50 Datasheet
558Kb / 6P
   HIGH SPEED IGBT MODULE 1200V / 150A / 2 in one package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com