Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5886 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N5886
Description  COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5886 Datasheet(HTML) 3 Page - STMicroelectronics

  2N5886 Datasheet HTML 1Page - STMicroelectronics 2N5886 Datasheet HTML 2Page - STMicroelectronics 2N5886 Datasheet HTML 3Page - STMicroelectronics 2N5886 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.00
13.10
0.433
0.516
B
0.97
1.15
0.038
0.045
C
1.50
1.65
0.059
0.065
D
8.32
8.92
0.327
0.351
E
19.00
20.00
0.748
0.787
G
10.70
11.10
0.421
0.437
N
16.50
17.20
0.649
0.677
P
25.00
26.00
0.984
1.023
R
4.00
4.09
0.157
0.161
U
38.50
39.30
1.515
1.547
V
30.00
30.30
1.187
1.193
R
C
D
A
P
G
P003F
TO-3 MECHANICAL DATA
2N5884 / 2N5886
3/4


Similar Part No. - 2N5886

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5886 MOSPEC-2N5886 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
logo
STMicroelectronics
2N5886 STMICROELECTRONICS-2N5886 Datasheet
41Kb / 4P
   HIGH CURRENT SILICON NPN POWER TRANSISTOR
January 2000
logo
Boca Semiconductor Corp...
2N5886 BOCA-2N5886 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5886 ETC-2N5886 Datasheet
347Kb / 8P
   Power Transistors
logo
ON Semiconductor
2N5886 ONSEMI-2N5886 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
More results

Similar Description - 2N5886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5879 BOCA-2N5879 Datasheet
186Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
2N3055AG ONSEMI-2N3055AG Datasheet
143Kb / 6P
   Complementary Silicon High-Power Transistors
September, 2013 ??Rev. 7
TIP35A ONSEMI-TIP35A_12 Datasheet
137Kb / 8P
   Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com