Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360ETZUALFH Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8360ETZUALFH
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360ETZUALFH Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8360ETZUALFH Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360ETZUALFH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
5
Overview
– Asynchronous HDLC
– UART
– BISYNC up to 2 Mbps
– User-programmable Virtual FIFO size
– QUICC Multichannel Controller (QMC) for 64 TDM channels
— One multichannel communication controller (MCC) only on the MPC8360E supporting the
following:
– 256 HDLC or transparent channels
– 128 SS7 channels
– Almost any combination of subgroups can be multiplexed to single or multiple TDM
interfaces
— Two UTOPIA/POS interfaces on the MPC8360E supporting 124 MultiPHY each (optional
2*128 MultiPHY with extended address) and one UTOPIA/POS interface on the MPC8358E
supporting 31/124 MultiPHY
— Two serial peripheral interfaces (SPI); SPI2 is dedicated to Ethernet PHY management
— Eight TDM interfaces on the MPC8360E and four TDM interfaces on the MPC8358E with
1-bit mode for E3/T3 rates in clear channel
— Sixteen independent baud rate generators and 30 input clock pins for supplying clocks to UCC
and MCC serial channels (MCC is only available on the MPC8360E)
— Four independent 16-bit timers that can be interconnected as four 32-bit timers
— Interworking functionality:
– Layer 2 10/100-Base T Ethernet switch
– ATM-to-ATM switching (AAL0, 2, 5)
– Ethernet-to-ATM switching with L3/L4 support
– PPP interworking
Security engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP,
802.11i, iSCSI, and IKE processing. The security engine contains four crypto-channels, a
controller, and a set of crypto execution units (EUs).
— Public key execution unit (PKEU) supporting the following:
– RSA and Diffie-Hellman
– Programmable field size up to 2048 bits
– Elliptic curve cryptography
– F2m and F(p) modes
– Programmable field size up to 511 bits
— Data encryption standard execution unit (DEU)
–DES, 3DES
– Two key (K1, K2) or three key (K1, K2, K3)
– ECB and CBC modes for both DES and 3DES
— Advanced encryption standard unit (AESU)


Similar Part No. - MPC8360ETZUALFH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360E NXP-MPC8360E Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
MPC8360ECVVADDEA NXP-MPC8360ECVVADDEA Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
More results

Similar Description - MPC8360ETZUALFH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360CZUAJDG FREESCALE-MPC8360CZUAJDG Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
   PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com