Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6219DS-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # L6219DS-T
Description  Dual Full-Bridge PWM Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

L6219DS-T Datasheet(HTML) 8 Page - Allegro MicroSystems

  L6219DS-T Datasheet HTML 1Page - Allegro MicroSystems L6219DS-T Datasheet HTML 2Page - Allegro MicroSystems L6219DS-T Datasheet HTML 3Page - Allegro MicroSystems L6219DS-T Datasheet HTML 4Page - Allegro MicroSystems L6219DS-T Datasheet HTML 5Page - Allegro MicroSystems L6219DS-T Datasheet HTML 6Page - Allegro MicroSystems L6219DS-T Datasheet HTML 7Page - Allegro MicroSystems L6219DS-T Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Dual Full-Bridge PWM Motor Driver
L6219DS
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Copyright ©1998-2008, Allegro MicroSystems, Inc.
The products described here are manufactured under one or more U.S. patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to per-
mit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com
1.27
B Reference pad layout (reference IPC SOIC127P1030X265-24M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
B
0.20 ±0.10
0.41 ±0.10
2.20
0.65
9.60
1.27
2
1
24
A
15.40±0.20
2.65 MAX
10.30±0.33
7.50±0.10
C
SEATING
PLANE
C
0.10
24X
For reference only
Pins 6 and 7, and 18 and 19 internally fused
(Reference JEDEC MS-013 AD)
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
A Terminal #1 mark area
0.25
GAUGE PLANE
SEATING PLANE
PCB Layout Reference View
4° ±4
0.27 +0.07
–0.06
0.84 +0.44
–0.43
Package LB, 24-Pin SOICW


Similar Part No. - L6219DS-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219DS STMICROELECTRONICS-L6219DS Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
logo
Allegro MicroSystems
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
More results

Similar Description - L6219DS-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com