Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9915H Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP9915H
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9915H Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP9915H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9915H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9915H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9915H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9915H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9915H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AP9915H/J
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
td(on) tr
td(off) t
f
VDS
VGS
10%
90%
Q
VG
5V
QGS
QGD
QG
Charge
0.5x RATED VDS
TO THE
OSCILLOSCOPE
-
+
5 v
D
G
S
VDS
VGS
RG
RD
RATED VDS
TO THE
OSCILLOSCOPE
-
+
D
G
S
VDS
VGS
I
D
I
G
1~ 3 mA


Similar Part No. - AP9915H

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9915GK A-POWER-AP9915GK Datasheet
95Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP9915K ETC-AP9915K Datasheet
106Kb / 4P
   N CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9915H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com