Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6902D13TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # A6902D13TR
Description  Up to 1A step down switching regulator with adjustable current limit for automotive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6902D13TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A6902D13TR Datasheet HTML 4Page - STMicroelectronics A6902D13TR Datasheet HTML 5Page - STMicroelectronics A6902D13TR Datasheet HTML 6Page - STMicroelectronics A6902D13TR Datasheet HTML 7Page - STMicroelectronics A6902D13TR Datasheet HTML 8Page - STMicroelectronics A6902D13TR Datasheet HTML 9Page - STMicroelectronics A6902D13TR Datasheet HTML 10Page - STMicroelectronics A6902D13TR Datasheet HTML 11Page - STMicroelectronics A6902D13TR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
A6902D
Package mechanical data
8/12
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - A6902D13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6902D13TR STMICROELECTRONICS-A6902D13TR Datasheet
159Kb / 12P
   Up to 1 A step down switching regulator with adjustable current limit for automotive applications
A6902D13TR STMICROELECTRONICS-A6902D13TR Datasheet
264Kb / 12P
   Up to 1 A step down switching regulator with adjustable current limit for automotive applications
More results

Similar Description - A6902D13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
   Up to 1 A step down switching regulator with adjustable current limit for automotive applications
A6902D_0808 STMICROELECTRONICS-A6902D_0808 Datasheet
264Kb / 12P
   Up to 1 A step down switching regulator with adjustable current limit for automotive applications
L6902D STMICROELECTRONICS-L6902D_04 Datasheet
129Kb / 7P
   UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
L6902D STMICROELECTRONICS-L6902D Datasheet
89Kb / 6P
   UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D_0710 STMICROELECTRONICS-L5970D_0710 Datasheet
270Kb / 16P
   Up to 1A step down switching regulator
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
   Up to 1A step down switching regulator
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com