Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1213A-02SR Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM1213A-02SR
Description  1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213A-02SR Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM1213A-02SR Datasheet HTML 3Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 4Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 5Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 6Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 7Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 8Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 9Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 10Page - California Micro Devices Corp CM1213A-02SR Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CM1213A
Mechanical Details (cont’d)
MSOP-10 Mechanical Specifications, 10 pin
The
CM1213A
is
supplied
in
a
10-pin
MSOP.
Dimensions are presented below.
For complete information on the MSOP-10, see the
California Micro Devices MSOP Package Information
document.
PACKAGE DIMENSIONS
Package
MSOP
Pins
10
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.75
0.95
0.028
0.038
A1
0.05
0.15
0.002
0.006
B
0.17
0.27
0.007
0.013
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.50 BSC
0.0196 BSC
H
4.90 BSC
0.193 BSC
L
0.40
0.70
0.0137
0.029
# per tape
and reel
4000
Controlling dimension: millimeters
Mechanical Package Diagrams
E
D
H
1
2
3
4
10
9
8
7
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
TOP VIEW
6
5
Pin 1
Marking
Package Dimensions for MSOP-10
© 2007 California Micro Devices Corp. All rights reserved.
04/03/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
11


Similar Part No. - CM1213A-02SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A-02SR ONSEMI-CM1213A-02SR Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
More results

Similar Description - CM1213A-02SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com