Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8731AETI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8731AETI
Description  SMBus Level 2 Battery Charger with Remote Sense
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8731AETI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8731AETI Datasheet HTML 1Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 2Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 3Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 4Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 5Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 6Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 7Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 8Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
General Description
The MAX8731A is an SMBus™ programmable multi-
chemistry battery charger. The MAX8731A uses a mini-
mal command set to easily program the charge voltage,
charge current, and adapter current limit.
The MAX8731A charges one to four Li+ series cells and
delivers up to 8A charge current. The MAX8731A drives
n-channel MOSFETs for improved efficiency and
reduced cost. Low-offset current-sense amplifiers pro-
vide high accuracy with 10m
Ω sense resistors.
The MAX8731A current-sense amplifiers provide high
accuracy (3% at 3.5A) and also provide fast cycle-by-
cycle current-mode control to protect against battery
short circuit and system load transients.
The charger employs dual remote sense, which reduces
charge time by measuring the feedback voltage directly
at the battery, improving accuracy of initial transition into
constant-voltage mode. The MAX8731A provides 0.5%
battery voltage accuracy directly at the battery terminal.
The MAX8731A provides a digital output that indicates
the presence of the AC adapter, as well as an analog out-
put that indicates the adapter current within 4% accuracy.
The MAX8731A is available in a small 5mm x 5mm,
28-pin, thin (0.8mm) QFN package. An evaluation kit is
available to reduce design time. The MAX8731A is avail-
able in a lead-free package.
Applications
Notebook Computers
Tablet PCs
Medical Devices
Portable Equipment with Rechargeable Batteries
Features
♦ 0.5% Battery Voltage Accuracy
♦ 3% Input Current-Limit Accuracy
♦ 3% Charge-Current Accuracy
♦ SMBus 2-Wire Serial Interface
♦ Cycle-by-Cycle Current Limit
Battery Short-Circuit Protection
Fast Response for Pulse Charging
Fast System-Load-Transient Response
♦ Dual-Remote-Sense Inputs
♦ Monitor Outputs for
Adapter Current (4% Accuracy)
AC Adapter Detection
♦ 11-Bit Battery Voltage Setting
♦ 6-Bit Charge-Current/Input-Current Setting
♦ 8A (max) Battery Charger Current
♦ 11A (max) Input Current
♦ +8V to +26V Input Voltage Range
♦ Charges Li+, NiMH, and NiCd Battery Chemistries
SMBus Level 2 Battery Charger
with Remote Sense
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
Typical Operating Circuit
19-0756; Rev 0; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
SMBus is a trademark of Intel Corp.
+Indicates a lead-free package.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX8731AETI+
-40
°C to +85°C
28 Thin QFN
(5mm x 5mm)
T2855-6
EXTERNAL LOAD
DCIN
GND
REF
ACIN
BATSEL
BATTERY
A
BATTERY
B
SCL
SDA
VDD
GND
ACOK
VCC
LDO
FBSB
FBSA
BST
PGND
CSIN
CSIP
DLO
LX
DHI
OPTIONAL
IINP
CCV
DAC CCS
CSSP
CSSN
SELECTOR
BATSEL
CCI
HOST
SCL
SDA
VDD
N
N
MAX8731A
MAX8731A
THIN QFN
5mm x 5mm
TOP VIEW
26
27
25
24
10
9
11
12
12
BST
45
6
7
20
21
19
17
16
15
VCC
CSSN
GND
VDD
SCL
SDA
3
18
28
8
CSSP
IINP
*EXPOSED PADDLE
DHI
23
13
ACOK
LX
22
14
BATSEL
DCIN
Pin Configuration


Similar Part No. - MAX8731AETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
MAX8731ETI++ MAXIM-MAX8731ETI+ Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
More results

Similar Description - MAX8731AETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com