Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8731AETI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8731AETI
Description  SMBus Level 2 Battery Charger with Remote Sense
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8731AETI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8731AETI Datasheet HTML 1Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 2Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 3Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 4Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 5Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 6Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 7Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 8Page - Maxim Integrated Products MAX8731AETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SMBus Level 2 Battery Charger
with Remote Sense
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDCIN = VLX = VCSSP = VCSSN = 19V, VBST - VLX = 4.5V, VFBSA = VFBSB = VCSIP = VCSIN = 16.8V, BATSEL = GND = PGND = 0,
CLDO = 1µF, VCC = LDO, CREF = 1µF, CDAC = 0.1µF, VDD = 3.3V, ACIN = 2.5V; pins CCI, CCV, and CCS are compensated per
Figure 1; TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DCIN, CSSN, CSIN, FBSA, FBSB to GND..............-0.3V to +28V
CSSP to CSSN, CSIP to CSIN, PGND to GND ......-0.3V to +0.3V
BST to GND ............................................................-0.3V to +32V
BST to LX..................................................................-0.3V to +6V
DHI to LX.................................................-0.3V to +(VBST + 0.3)V
DLO to PGND..........................................-0.3V to +(LDO + 0.3)V
LX to GND .................................................................-6V to +28V
CCI, CCS, CCV, DAC, REF,
IINP to GND ...........................................-0.3V to (VVCC + 0.3)V
VDD, SCL, SDA, BATSEL, ACIN, ACOK, VCC to GND,
LDO to PGND ......................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70
°C)
28-Pin Thin QFN
(derate 20.8mW/
°C above +70°C)........................1666.7 mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-60
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-VOLTAGE REGULATION
16.716
16.8
16.884
V
ChargingVoltage() = 0x41A0
-0.5
+0.5
%
12.491
12.592
12.693
V
ChargingVoltage() = 0x3130
-0.8
+0.8
%
8.333
8.4
8.467
V
ChargingVoltage() = 0x20D0
-0.8
+0.8
%
4.150
4.192
4.234
V
Battery Full-Charge Voltage and
Accuracy
ChargingVoltage() = 0x1060
-1.0
+1.0
%
Battery Undervoltage-Lockout
Trip Point for Trickle Charge
2.5
V
CHARGE-CURRENT REGULATION
CSIP-to-CSIN Full-Scale Current-
Sense Voltage
78.22
80.64
83.06
mV
7.822
8.064
8.306
A
RS2, Figure 1 = 10m
Ω;
ChargingCurrent() = 0x1f80
-3
+3
%
3.809
3.968
4.126
A
RS2, Figure 1 = 10m
Ω;
ChargingCurrent() = 0x0f80
-4
+4
%
Charge Current and Accuracy
RS2, Figure 1 = 10m
Ω;
ChargingCurrent() = 0x0080 (128mA)
64
400
mA
Charge-Current Gain Error
Based on ChargeCurrent() = 128mA and 8.064A
-2
+2
%
FBSA/FBSB/CSIP/CSIN
Input Voltage Range
0
19
V


Similar Part No. - MAX8731AETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
MAX8731ETI++ MAXIM-MAX8731ETI+ Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
More results

Similar Description - MAX8731AETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com