Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57891S0104H008 Datasheet(PDF) 4 Page - EPCOS

Part # B57891S0104H008
Description  Leaded NTCs, lead spacing 2.5 mm
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891S0104H008 Datasheet(HTML) 4 Page - EPCOS

  B57891S0104H008 Datasheet HTML 1Page - EPCOS B57891S0104H008 Datasheet HTML 2Page - EPCOS B57891S0104H008 Datasheet HTML 3Page - EPCOS B57891S0104H008 Datasheet HTML 4Page - EPCOS B57891S0104H008 Datasheet HTML 5Page - EPCOS B57891S0104H008 Datasheet HTML 6Page - EPCOS B57891S0104H008 Datasheet HTML 7Page - EPCOS B57891S0104H008 Datasheet HTML 8Page - EPCOS B57891S0104H008 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
R/T characteristics
B57891S0222F008
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2200
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
116830
107930
125730
7.6
1.2
6.1
50.0
86499
80383
92614
7.1
1.2
6.0
45.0
64515
60293
68738
6.5
1.1
5.8
40.0
48466
45537
51395
6.0
1.1
5.7
35.0
36666
34627
38706
5.6
1.0
5.5
30.0
27931
26506
29356
5.1
0.9
5.4
25.0
21395
20398
22392
4.7
0.9
5.2
20.0
16538
15837
17238
4.2
0.8
5.1
15.0
12838
12346
13329
3.8
0.8
4.9
10.0
10051
9706
10396
3.4
0.7
4.8
5.0
7931
7689
8173
3.1
0.7
4.7
0.0
6306
6137
6476
2.7
0.6
4.5
5.0
5040
4922
5157
2.3
0.5
4.4
10.0
4056
3975
4137
2.0
0.5
4.3
15.0
3282
3228
3337
1.7
0.4
4.1
20.0
2674
2638
2710
1.4
0.3
4.0
25.0
2200
2178
2222
1.0
0.3
3.9
30.0
1825
1801
1850
1.3
0.4
3.8
35.0
1510
1485
1535
1.6
0.4
3.7
40.0
1256
1232
1280
1.9
0.5
3.6
45.0
1056
1033
1079
2.2
0.6
3.5
50.0
892.0
870.3
913.7
2.4
0.7
3.4
55.0
751.7
731.5
771.9
2.7
0.8
3.3
60.0
636.9
618.3
655.6
2.9
0.9
3.2
65.0
543.7
526.5
560.9
3.2
1.0
3.1
70.0
466.0
450.2
481.9
3.4
1.1
3.1
75.0
400.3
385.8
414.8
3.6
1.2
3.0
80.0
345.0
331.7
358.2
3.8
1.3
2.9
85.0
299.0
286.9
311.1
4.1
1.4
2.8
90.0
260.1
249.0
271.2
4.3
1.5
2.8
95.0
227.5
217.3
237.6
4.5
1.7
2.7
100.0
199.6
190.3
208.9
4.6
1.8
2.6
105.0
175.2
166.7
183.7
4.8
1.9
2.6
110.0
154.2
146.5
162.0
5.0
2.0
2.5
115.0
136.2
129.1
143.2
5.2
2.1
2.4
120.0
120.5
114.0
127.0
5.4
2.3
2.4
125.0
107.2
101.2
113.1
5.5
2.4
2.3
130.0
95.51
90.05
101.0
5.7
2.5
2.3
135.0
85.19
80.18
90.19
5.9
2.6
2.2
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 4 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57891S0104H008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0104H008 EPCOS-B57891S0104H008 Datasheet
336Kb / 19P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891S0104H008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57220K0212A003 TDK-B57220K0212A003 Datasheet
436Kb / 17P
   Leadless NTCs
logo
IDEA.lnc.
ISRC0280 IDEA-ISRC0280 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
   PHOTODIODE 2.5 mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Lumberg
355095 LUMBERG-355095 Datasheet
394Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3557 LUMBERG-3557_18 Datasheet
445Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3550 LUMBERG-3550_18 Datasheet
473Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3523 LUMBERG-3523_18 Datasheet
548Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com