Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC637BNZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDC637BNZ
Description  N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC637BNZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDC637BNZ Datasheet HTML 1Page - Fairchild Semiconductor FDC637BNZ Datasheet HTML 2Page - Fairchild Semiconductor FDC637BNZ Datasheet HTML 3Page - Fairchild Semiconductor FDC637BNZ Datasheet HTML 4Page - Fairchild Semiconductor FDC637BNZ Datasheet HTML 5Page - Fairchild Semiconductor FDC637BNZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.fairchildsemi.com
5
©2007 Fairchild Semiconductor Corporation
FDC637BNZ Rev.C
Figure 12.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1E-3
0.01
0.1
1
SINGLE PULSE
R
θJA = 156
oC/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Transient Thermal Response Curve
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDC637BNZ

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC637BNZ VBSEMI-FDC637BNZ Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - FDC637BNZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMJ1028N FAIRCHILD-FDMJ1028N Datasheet
424Kb / 7P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 3.2A, 90m廓
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
FDMC3300NZA FAIRCHILD-FDMC3300NZA_07 Datasheet
244Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 8A, 26m廓
FDM3300NZ FAIRCHILD-FDM3300NZ_07 Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
FDW2511NZ FAIRCHILD-FDW2511NZ_08 Datasheet
493Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench짰 MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ_08 Datasheet
980Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET30V, 5.0A, 40m廓
FDY302NZ FAIRCHILD-FDY302NZ Datasheet
218Kb / 6P
   FDY302NZ Single N-Channel 2.5V Specified PowerTrench짰 MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
FDMA430NZ_0609 FAIRCHILD-FDMA430NZ_0609 Datasheet
634Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 30V, 5.0A, 40m?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com