Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR333C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # SIR333C
Description  Technical Data Sheet 5mm Infrared LED, T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR333C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  SIR333C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR333C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR333C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR333C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR333C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR333C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR333C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 5 of 7
Device No:DIS-033-003
Prepared date:07-20-2005
Prepared by:David Huang
75
100
10
0
25
50
75
120
1.1
50
25
1.2
100
120
0
10
2
1
10
10
10
30
20
10
1
100
1000
34
10
1.4
1.3
SIR333C
Typical Electro-Optical Characteristics Curves
Fig.8 Forward Voltage vs. Ambient
Temperature (°C)


Similar Part No. - SIR333C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C/H0/L9 EVERLIGHT-SIR333C/H0/L9 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
More results

Similar Description - SIR333C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR383 EVERLIGHT-IR383 Datasheet
180Kb / 7P
   Technical Data Sheet 5mm Infrared LED , T-1 3/4
HIR204 EVERLIGHT-HIR204 Datasheet
172Kb / 7P
   Technical Data Sheet 3mm Infrared LED, T-1
logo
Lucky Light Electronic
LL-503VC2V-V1-TSD LUCKY-LIGHT-LL-503VC2V-V1-TSD Datasheet
170Kb / 7P
   5mm Round T-1 3/4 Type Ultra Red LED Technical Data Sheet
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com