Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S06PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S06PUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S06PUR Datasheet HTML 5Page - STMicroelectronics ST1S06PUR Datasheet HTML 6Page - STMicroelectronics ST1S06PUR Datasheet HTML 7Page - STMicroelectronics ST1S06PUR Datasheet HTML 8Page - STMicroelectronics ST1S06PUR Datasheet HTML 9Page - STMicroelectronics ST1S06PUR Datasheet HTML 10Page - STMicroelectronics ST1S06PUR Datasheet HTML 11Page - STMicroelectronics ST1S06PUR Datasheet HTML 12Page - STMicroelectronics ST1S06PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ST1S06
Typical performance characteristics
9/19
5
Typical performance characteristics
(VIN_SW =VIN_A =VINH =5V, CI = 4.7µF, CO = 22µF, L1 =3.3µH, unless otherwise specified.
Typical values are referred to 25°C)
Figure 3.
Efficiency vs output current
Figure 4.
Efficiency vs output current
Figure 5.
Efficiency vs output current
Figure 6.
Efficiency vs output current
Figure 7.
Efficiency vs output current
Figure 8.
Efficiency vs inductor


Similar Part No. - ST1S06PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S06PUR STMICROELECTRONICS-ST1S06PUR Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
More results

Similar Description - ST1S06PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
538Kb / 11P
   1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
ST1S03 STMICROELECTRONICS-ST1S03_07 Datasheet
342Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com