Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2940 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2940
Description  1A Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2940 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS2940
1A Ultra Low Dropout Voltage Regulator
2/10
Version: A07
Electrical Characteristics ( VIN=VOUT+1V, IL=5mA, CO=22uF, TA=25oC, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Input Supply Voltage
--
--
26
V
Output Voltage
5mA ≤ IL ≤ 800mA,
Vo+5V ≤ VIN ≤ 26V
0.970|Vo|
5.0 / 3.3
1.030|Vo|
V
Output Voltage Temperature
Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+2V ≤ VIN ≤ 26V
--
0.05
0.5
%
Load Regulation
5mA ≤ IL ≤ 800mA
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=500mA
IL=800mA
--
--
--
100
300
600
200
500
800
mV
Quiescent Current (Note 5)
IL=5mA
IL=800mA
--
--
10
30
15
45
mA
Short Circuit Current (Note 6)
VOUT =0
--
--
1.5
A
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2uF
CL=3.3uF
CL=33uF
--
--
--
500
350
120
--
--
--
uVrms
Thermal Performance
Condition
Package type
Typ
Unit
TO-220
60
TO-263
80
TO-252
150
Thermal Resistance
Junction to Ambient
SOT-223
170
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the electrical characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction
to ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of θja can be reduced by using a heatsink.
Note 3: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 4: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
Note 5: Output current will decrease with increasing temperature, but it will be not dropped below 1A at the maximum
specified temperature.


Similar Part No. - TS2940

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM TSC-TS2940CM Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM1.8 TSC-TS2940CM1.8 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM18 TSC-TS2940CM18 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM2.5 TSC-TS2940CM2.5 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS2940

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
   Ultra-Low Dropout 1A Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
   1A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com