Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39100CW Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100CW
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CW Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39100CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39100CW Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TS39100/1/2/3/4/5
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
6/13
Version: B07
Application Information (Continue)
Enable Input
TS39101/2/3/4/5 versions feature an active-high enable (EN) input that allows ON/OFF control of the regulator.
Current drain reduces to “zero” when the device is shutdown, with only micro-amperes of leakage current. The EN
input has TTL/CMOS compatible thresholds for simple interfacing with logic interfacing. EN may be directly tied to ViN
and pulled up to the maximum supply voltage.
Error Flag
TS39101/3 versions feature an Error Flag, which looks at the output voltage and signals an error condition when this
voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low under fault
conditions. It may sink 10mA. Low output voltage signifies a number of possible problems, including an over-current
fault (the device is in current limit) or low input voltage. The flag output is inoperative during over temperature
shutdown conditions. A pull-up resistor from error flag to either ViN or VOUT is required for proper operation. For
information regarding the minimum and maximum values of pull-up resistance, refer the graph as follow:
Thermal Resistance
Power SOP-8 Thermal Characteristic
TS39101/2/4 series’ performance is its power SOP-8 package featuring half the thermal resistance of a standard SOP-
8 package. Lower thermal resistance means more output current or higher input voltage for a standard SOP-8
package. Lower thermal resistance means more output current or higher input voltage for a given package size.
Lower thermal resistance is achieved by connect the four ground pins with the die attached pad to create a single
piece electrical and thermal conductor. This concept have been used by MOSFET production for years, proving very
reliable and cost effective for the user. As above thermal resistance figure. Thermal resistance consists of two main
elements, ΘJC (junction to case) and ΘCA (case to ambient). Using the power SOP-8 reduces ΘCA, the total thermal
resistance, ΘJA (junction to ambient) is the limiting factor in calculating the maximum power dissipation capability of the
device. Typically, the power SOP-8 have a ΘJC of 20
oC/W dramatically , this is significantly lower than the standard
SOP-8 which is typically 75
oC/W. ΘCA is reduced because pin 5~8 can be soldered directly to a ground plane which
significantly reduces the case to sink and sink to ambient thermal resistance.


Similar Part No. - TS39100CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100CW TSC-TS39100CW Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW05 TSC-TS39100CW05 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW1.5 TSC-TS39100CW1.5 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW1.8 TSC-TS39100CW1.8 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39100CW15 TSC-TS39100CW15 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS39100CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39103 TSC-TS39103 Datasheet
425Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com