Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61165DRVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVR
Description  High Brightness White LED Driver in 2mm x 2mm QFN Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165DRVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61165DRVR Datasheet HTML 2Page - Texas Instruments TPS61165DRVR Datasheet HTML 3Page - Texas Instruments TPS61165DRVR Datasheet HTML 4Page - Texas Instruments TPS61165DRVR Datasheet HTML 5Page - Texas Instruments TPS61165DRVR Datasheet HTML 6Page - Texas Instruments TPS61165DRVR Datasheet HTML 7Page - Texas Instruments TPS61165DRVR Datasheet HTML 8Page - Texas Instruments TPS61165DRVR Datasheet HTML 9Page - Texas Instruments TPS61165DRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
40
50
60
70
80
90
100
0
50
100
150
200
250
300
VIN=12V
VIN=8.5V
VIN=5V
6LEDs(VOUT =24V)
OutputCurrent-mA
40
50
60
70
80
90
100
0
50
100
150
200
250
300
OutputCurrent-mA
3LEDs(VOUT =12V)
VIN=8.5V
VIN=5V
VIN=3V
800
900
1000
1100
1200
1300
1400
1500
1600
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
800
900
1000
1100
1200
1300
1400
1500
1600
20
30
40
50
60
70
80
90
DutyCycle-%
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
EasyScaleStep
0
40
80
120
160
200
0
20
40
60
80
100
PWMDutyCycle-%
PWM10kHz,32kHz
TPS61165
SLVS790 – NOVEMBER 2007
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
SWITCH CURRENT LIMIT
SWITCH CURRENT LIMIT
vs
vs
DUTY CYCLE
TEMPERATURE
Figure 4.
Figure 5.
FB VOLTAGE
FB VOLTAGE
vs
vs
EASYSCALE STEP
PWM DUTY CYCLE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVR TI-TPS61165DRVR Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165DRVR TI1-TPS61165DRVR Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
TPS61165DRVRG4 TI-TPS61165DRVRG4 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165DRVRG4 TI1-TPS61165DRVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results

Similar Description - TPS61165DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com