Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5201 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5201
Description  200mA Low Noise LDO Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5201_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5201_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS5201
200mA Low Noise LDO
Voltage Regulator with Enable
3/7
Version: A07
Electrical Specification (Continue)
Note:
1. Exceeding the absolute maximum rating may damage the device.
2. The maximum allowable power dissipation at any Ta is Pd(max) = [TJ(MAX) - Ta] + ӨJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
3. The device is not guaranteed to function outside its operating rating.
4, Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
5, Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 1mA to 200mA (5V version) and 1mA to 120mA (VOUT<5V version). Changes
in output voltage due to heating effects are covered by the thermal regulation specification.
6, Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
7, Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from
the supply is the sum of the load current plus the ground pin current.
8, Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 200mA load pulse at VIN=16V for t=10mS.
Block Diagrams


Similar Part No. - TS5201_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5201 TSC-TS5201_08 Datasheet
335Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
More results

Similar Description - TS5201_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5201 TSC-TS5201 Datasheet
270Kb / 6P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_1 Datasheet
270Kb / 6P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_08 Datasheet
335Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com