Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1106ICB-0.6-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1106ICB-0.6-T1
Description  600mA Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1106ICB-0.6-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1106ICB-0.6-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AAT1106
600mAStep-Down Converter
6
1106.2007.07.1.0
Typical Characteristics
Feedback Voltage vs. Temperature
(V
IN = 3.6V)
Temperature (
°
°C)
0.597
0.598
0.599
0.600
0.601
0.602
0.603
0.604
-40
-20
0
20
40
60
80
100
R
DS(ON) vs. Temperature
(V
IN = 3.6V)
Temperature (°C)
-45
-15
15
45
60
90
0.15
0.18
0.21
0.24
0.27
0.30
0.33
0.36
75
-30
0
30
P-Channel
N-Channel
Frequency vs. Input Voltage
(V
OUT = 1.8V; ILOAD = 150mA; L = 2.2µH)
Input Voltage (V)
1.470
1.480
1.490
1.500
1.510
1.520
1.530
1.540
1.550
1.560
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
R
DS(ON)
vs. Input Voltage
Input Voltage (V)
0.150
0.200
0.250
0.300
0.350
0.400
2
2.5
3
3.5
4
4.5
5
5.5
6
P-Channel MOSFET
N-Channel MOSFET
Efficiency vs. Input Voltage
(V
IN = 3.6V; L = 2.2µH; VOUT = 1.8V)
Input Voltage (V)
2
3
4
56
50
55
60
65
70
75
80
85
90
95
100
I
LOAD = 10mA
I
LOAD = 100mA
I
LOAD = 500mA
Output Voltage vs. Output Current
(V
IN = 3.6V; VOUT = 1.8V; L = 2.2µH)
Load Current (mA)
0
200
400
600
800
1000
1200
1.64
1.66
1.68
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84


Similar Part No. - AAT1106ICB-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1106ICB-0.6-T1 SKYWORKS-AAT1106ICB-0.6-T1 Datasheet
1Mb / 19P
   600mA Step-Down Converter
More results

Similar Description - AAT1106ICB-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
   40V, 600mA , Step-Down Converter
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
   Dual Channel 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com