Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1106ICB-0.6-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1106ICB-0.6-T1
Description  600mA Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1106ICB-0.6-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1106ICB-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1106ICB-0.6-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AAT1106
600mAStep-Down Converter
1106.2007.07.1.0
9
Functional Block Diagram
PWM
LOGIC
DRV
OSC
SLOPE
COMP
BLANKING
EA
COMP
0.6V
SW
COUT
FB/OUT
VOUT
0.6V
VIN
REF
EN
VIN
+
-
VIN2.7-5.5V
IZERO
COMP
ISENSE
COMP
+
-
+
-
Q
S
R Q
R
RS LATCH
SHUTDOWN
1
5
4
3
2
R1
R2*
R2
R1
*For adjustable output R1 + R2 are external
0.65V
+
-
OVDET
+
-
-
+
GND
Functional Description
The AAT1106 is a high performance 600mA,
1.5MHz fixed frequency monolithic switch-mode
step-down converter which uses a current mode
architecture with an adaptive slope compensation
scheme. It minimizes external component size and
optimizes efficiency over the complete load range.
Theadaptiveslopecompensationallowsthedevice
to remain stable over a wider range of inductor val-
ues so that smaller values (1µH to 4.7µH) with
associatedlowerDCRcanbeusedtoachievehigh-
er efficiency. Apart from the small bypass input
capacitor, only a small L-C filter is required at the
output. The fixed output version requires only three
external powercomponents(CIN,COUT,andL).The
adjustable version can be programmed with exter-
nal feedback to any voltage, ranging from 0.6V to
the input voltage. It uses internal MOSFETs to
achieve high efficiency and can generate very low
output voltage by using an internal reference of
0.6V.Atdropout,theconverterdutycycleincreases
to100%andtheoutputvoltagetrackstheinputvolt-
age minus the low RDS(ON) drop of the P-channel
high-sideMOSFET. Theinputvoltagerangeis2.5V
to 5.5V. The converter efficiency has been opti-
mized for all load conditions, ranging from no load
to 600mA at VIN = 3V. The internal error amplifier
and compensation provides excellent transient
response, load, and line regulation.
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle cur-
rent limit for excellent load and line response and
protection of the internal main switch (P-channel
MOSFET) and synchronous rectifier (N-channel
MOSFET). During normal operation, the internal P-
channel MOSFET is turned on for a specified time
to ramp the inductor current at each rising edge of
the internal oscillator, and is switched off when the
feedback voltage is above the 0.6V reference volt-
age. The current comparator, ICOMP, limits the peak
inductor current. When the main switch is off, the
synchronous rectifier turns on immediately and
stays on until either the inductor current starts to
reverse, as indicated by the current reversal com-
parator, IZERO, or the beginning of the next clock
cycle.


Similar Part No. - AAT1106ICB-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1106ICB-0.6-T1 SKYWORKS-AAT1106ICB-0.6-T1 Datasheet
1Mb / 19P
   600mA Step-Down Converter
More results

Similar Description - AAT1106ICB-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
   40V, 600mA , Step-Down Converter
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
   Dual Channel 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com