Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1239ITP-1-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1239ITP-1-T1
Description  40V Step-Up Converter for 4 to 10 White LEDs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1239ITP-1-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1239ITP-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1239ITP-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AAT1239-1
40V Step-Up Converter for 4 to 10 White LEDs
SwitchRegTM
PRODUCT DATASHEET
1239-1.2007.10.1.0
7
www .analogictech.com
AAT1239-1
40V Step-Up Converter for 4 to 10 White LEDs
SwitchRegTM
PRODUCT DATASHEET
1239-1.2007.10.1.0
7
www .analogictech.com
Typical Characteristics
Transition of LED Current
(10 White LEDs; SEL = Low; ILED = 3mA to 13mA)
Time (50µs/div)
28
30
32
34
0.0
0.1
0.2
0.3
0.4
Transition of LED Current
(10 White LEDs; SEL = Low; ILED = 13mA to 6mA)
Time (50µs/div)
30
32
34
0.0
0.1
0.2
0.3
0.4
Input Disconnect Switch Resistance
vs. Input Voltage
Input Voltage (V)
140
160
180
200
220
240
260
280
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
120°C
100°C
85°C
25°C
Low Side Switch On Resistance
vs. Input Voltage
Input Voltage (V)
80
100
120
140
160
180
200
220
240
260
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
120°C
100°C
25°C
85°C
EN/SET Latch Timeout vs. Input Voltage
Input Voltage (V)
100
150
200
250
300
350
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
85°C
25°C
-40°C
EN/SET Off Timeout vs. Input Voltage
Input Voltage (V)
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
25°C
85°C
-40°C


Similar Part No. - AAT1239ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1239ITP-1-T1 ANALOGICTECH-AAT1239ITP-1-T1 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239ITP-1-T1 ANALOGICTECH-AAT1239ITP-1-T1 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
More results

Similar Description - AAT1239ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com