Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2500MITP-AW-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2500MITP-AW-T1
Description  400mA Step-Down Converter and 300mA LDO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500MITP-AW-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2500MITP-AW-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500MITP-AW-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AAT2500M
400mA Step-Down Converter and 300mA LDO
4
2500M.2007.06.1.0
Electrical Characteristics
1
V
IN_BUCK = VIN_LDO = 5.0V. TA = -40°C to +85°C unless noted otherwise. Typical values are at TA = +25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Power Supply
V
INBUCK,
Input Voltage
2.7
5.5
V
V
INLDO
V
UVLO
Under-Voltage Lockout
V
IN Rising
2.7
V
V
IN Falling
2.35
V
I
Q
Quiescent Current
V
EN = VIN, No Load
130
µA
I
SHDN
Shutdown Current
V
EN = GND
1.0
µA
Step-Down Converter
V
FB
Feedback Voltage Tolerance
No Load, T
A = 25°C
0.591
0.609
V
`I
OUT = 0 to 400mA; VIN = 2.7 to 5.5V
-3
+3
%
I
LXLEAK
LX Reverse Leakage Current
V
IN = 5.5V, VLX = 0 to VIN, VEN = GND
-1.0
1.0
µA
I
FB
Feedback Leakage
V
FB = 1.0 V
0.2
µA
I
LIM
P-Channel Current Limit
1.2
A
R
DS(ON)H
High Side Switch On Resistance
0.4
R
DS(ON)L
Low Side Switch On Resistance
0.25
∆V
OUT/VOUT
Load Regulation
I
LOAD = 0 to 400mA
0.25
%
∆V
OUT/VOUT
Line Regulation
V
IN = 2.7V to 5.5V
0.3
%
F
OSC
Oscillator Frequency
1.8
MHz
T
S
Start-Up Time
From Enable to Output Regulation
120
µs
LDO (V
OUT = 3.3V)
V
OUT
Output Voltage Tolerance
No Load, 25°C
3.24
3.30
3.36
V
V
OUT
Output Voltage Range
I
OUT = 0 to 300mA
-3
3
%
V
IN
Input Voltage
V
OUT +
5.5
V
V
DO
2
I
OUT
Output Current
300
mA
I
LIM
Current Limit
1A
V
DO
Dropout Voltage
3
I
OUT = 300mA
160
240
mV
∆V
OUT/VOUT
Load Regulation
I
LOAD = 0 to 300mA
1.2
%
∆V
OUT/VOUT
Line Regulation
V
IN = 3.7V to 5.5V
0.6
%
T
S
Start-Up Time
From Enable to Output Regulation
100
µs
Logic Signals
V
EN(L)
Enable Threshold Low
0.6
V
V
EN(H)
Enable Threshold High
1.5
V
I
EN(H)
Enable Current Consumption
-1.0
1.0
µA
T
SD
Over-Temperature Shutdown
150
°C
Threshold
T
HYS
Over-Temperature Shutdown
15
°C
Hysteresis
1. Specification over the -40°C to +85°C operating temperature ranges is assured by design, characterization and correlation with sta-
tistical process controls.
2. To calculate the minimum LDO input voltage, use the following equation: V
IN(MIN) = VOUT(MAX) + VDO(MAX).
3. V
DO is defined as VIN - VOUT when VOUT is 98% of nominal.


Similar Part No. - AAT2500MITP-AW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2500 ANALOGICTECH-AAT2500 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2500B ANALOGICTECH-AAT2500B Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
AAT2500BIZL-BAA-T1 ANALOGICTECH-AAT2500BIZL-BAA-T1 Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
AAT2500IFP-AQ-T1 ANALOGICTECH-AAT2500IFP-AQ-T1 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2500IWP-AG-T1 ANALOGICTECH-AAT2500IWP-AG-T1 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
More results

Similar Description - AAT2500MITP-AW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT3183 ANALOGICTECH-AAT3183_08 Datasheet
348Kb / 15P
   300mA Inductorless Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146 Datasheet
767Kb / 20P
   Fast Transient 400mA Step-Down Converter
AAT3183 ANALOGICTECH-AAT3183 Datasheet
630Kb / 16P
   300mA Inductorless Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
   3MHz Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com