Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2557 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT2557
Description  500mA Battery Charger and 300mA LDO Regulator for Portable Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2557 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT2557 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2557 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings
1
Thermal Information
Symbol
Description
Value
Units
V
INLDO
Input Voltage to GND
6.0
V
V
ADP
Adapter Voltage to GND
-0.3 to 7.5
V
V
EN
ENLDO, EN_BAT Voltage to GND
-0.3 to 6.0
V
V
X
BAT, ISET, STAT Voltage to GND
-0.3 to V
ADP + 0.3
V
V
BYP
BYP Voltage to GND
-0.3 to V
INLDO + 0.3
V
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Symbol
Description
Value
Units
P
D
Maximum Power Dissipation
625
mW
θ
JA
Thermal Resistance
2
160
°C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
2557.2007.06.1.0
3
AAT2557
500mA Battery Charger and 300mA
LDO Regulator for Portable Systems


Similar Part No. - AAT2557

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2550ISK-CAA-T1 ANALOGICTECH-AAT2550ISK-CAA-T1 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
AAT2550ISK-CAA-T1 ANALOGICTECH-AAT2550ISK-CAA-T1 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2557

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
   500mA LiFePO4 Battery Charger
REV 1.1
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com