Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2557ITO-CT-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2557ITO-CT-T1
Description  500mA Battery Charger and 300mA LDO Regulator for Portable Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2557ITO-CT-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2557ITO-CT-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2557ITO-CT-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The AAT2557 is a fully integrated 500mA battery
charger and a 300mA low dropout (LDO) linear
regulator. The input voltage range is 4V to 6.5V for
the battery charger and 2.7V to 5.5V for the linear
regulator, making it ideal for applications operating
with single-cell lithium-ion/polymer batteries.
The battery charger is a complete constant cur-
rent/constant voltage linear charger. It offers an
integrated pass device, reverse blocking protec-
tion, high accuracy current and voltage regulation,
charge status, and charge termination. The charg-
ing current is programmable via external resistor
from 15mA to 500mA. In addition to these stan-
dard features, the device offers over-voltage, cur-
rent limit, and thermal protection.
The linear regulator is designed for fast transient
response and good power supply ripple rejection.
Capable of up to 300mA load current, it includes
short-circuit protection and thermal shutdown.
The AAT2557 is available in a Pb-free, thermally-
enhanced TSOPJW-14 package and is rated over
the -40°C to +85°C temperature range.
Features
Battery Charger:
— Input Voltage Range: 4V to 6.5V
— Programmable Charging Current up to
500mA
— Highly Integrated Battery Charger
Charging Device
Reverse Blocking Diode
Linear Regulator:
— 300mA Output Current
— Low Dropout: 400mV at 300mA
— Fast Line and Load Transient Response
— High Accuracy: ±1.5%
— 70µA Quiescent Current
Short-Circuit, Over-Temperature, and Current
Limit Protection
TSOPJW-14 Package
-40°C to +85°C Temperature Range
Applications
Bluetooth® Headsets
Cellular and DECT Phones
Handheld Instruments
MP3 and Portable Music Players
PDAs and Handheld Computers
Portable Media Players
Typical Application
BATT-
ADP
GND
BAT
ISET
INLDO
BATT+
AAT2557
Adapter/USB Input
STAT
EN_BAT
Charger Enable
ENLDO
LDO Enable
R
SET
C
Battery
Pack
BAT
OUTLDO
BYP
C
OUTLDO
C
BYP
V
OUTLDO
C
INLDO
SystemPower
2557.2007.06.1.0
1
AAT2557
500mA Battery Charger and 300mA
LDO Regulator for Portable Systems


Similar Part No. - AAT2557ITO-CT-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2550ISK-CAA-T1 ANALOGICTECH-AAT2550ISK-CAA-T1 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
AAT2550ISK-CAA-T1 ANALOGICTECH-AAT2550ISK-CAA-T1 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2557ITO-CT-T1

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
   500mA LiFePO4 Battery Charger
REV 1.1
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com