Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3128ITO-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3128ITO-T1
Description  RGB LED Fashion Lighting Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3128ITO-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3128ITO-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3128ITO-T1 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Information
R
SET Selection
The maximum output current for current sources
ISRC1 and ISRC2 is programmed by the R
SET
resistor. A nominal value of 38.3k
Ω will set each
current source output to 60mA each. Lower maxi-
mum current levels may be programmed by reduc-
ing the value of R
SET.
Refer to Table 3 for R
SET
resistor values to set the maximum brightness con-
stant current rounded off to the closest 1% value.
Table 3: R
SET Programming Values.
If a desired current source output level is not listed
in Table 3, the R
SET resistor value may be calculat-
ed using the following formula:
Where:
V
REF = 1.2V
I
OUT = Desired output current for ISRC1 and
ISRC2 (ISRC1 = ISRC2
≤ 60mA)
RGB LED Selection
The AAT3128 is specifically intended for driving
RGB color LEDs. However, the device design will
allow the AAT3128 to drive most types of LEDs with
forward voltage specifications ranging from 1.0V to
5.0V. The two current sink outputs provide up to
60mA each and may be paralleled to drive high-
current LEDs up to 120mA without complication.
Most RGB color LEDs have greatly varied forward
voltage specifications for each red, green and blue
LED for a given forward current operating condition.
Refer to Figure 2 or the datasheet for a given RGB
LED to be used with the AAT3128. Since the ISRC1
and ISRC2 output current sources are matched with
negligible voltage dependence, RGB LED bright-
ness and color will be matched regardless of specif-
ic LED forward voltage (V
F) variations.
Figure 2: Typical RGB LED Forward Voltage
vs. Forward Current Characteristics.
Forward Voltage (VF ) (V)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
1.00
1.50
2.00
2.50
3.00
3.50
4.00
R
SET =
(1920 · V
REF)
I
OUT
Current Source
Output (mA)
R
SET Value (kΩ)
60
38.3
50
46.6
40
57.6
30
76.8
20
115
10
232
AAT3128
RGB LED Fashion Lighting Controller
3128.2007.09.1.0
9
EN/SET Timing
Figure 1: S
2Cwire Timing Diagram.
EN/SET
Code
1
2
3
OFF
OFF
t
HI
t
LO
t
OFF


Similar Part No. - AAT3128ITO-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3128ITO-T1 ANALOGICTECH-AAT3128ITO-T1 Datasheet
657Kb / 12P
   RGB LED Fashion Lighting Controller
More results

Similar Description - AAT3128ITO-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128_08 Datasheet
657Kb / 12P
   RGB LED Fashion Lighting Controller
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com